Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5616I Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV5616I
Description  2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5616I Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5616I Datasheet HTML 4Page - Texas Instruments TLV5616I Datasheet HTML 5Page - Texas Instruments TLV5616I Datasheet HTML 6Page - Texas Instruments TLV5616I Datasheet HTML 7Page - Texas Instruments TLV5616I Datasheet HTML 8Page - Texas Instruments TLV5616I Datasheet HTML 9Page - Texas Instruments TLV5616I Datasheet HTML 10Page - Texas Instruments TLV5616I Datasheet HTML 11Page - Texas Instruments TLV5616I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TLV5616C, TLV5616I
2.7V TO 5.5V LOW POWER 12BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS152D − DECEMBER 1997 − REVISED APRIL 2004
8
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 6
0.6
0.4
0.2
−55 −40
−25
0
25
40
70
0.8
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
1
85
125
VDD = 3 V,
Vref = 1 V,
Full Scale
TA − Free-Air Temperature − C°
Fast Mode
Slow Mode
Figure 7
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
0.6
0.4
0.2
−55 −40
−25
0
25
40
70
0.8
1
85
125
VDD = 5 V,
Vref = 2 V,
Full Scale
TA − Free-Air Temperature − C°
Fast Mode
Slow Mode
Figure 8
−−40
−50
−70
−80
0
5
10
20
−30
−10
f − Frequency − kHz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0
30
50
100
−20
−60
Vref = 1 V dc + 1 V p/p Sinewave,
Output Full Scale
Fast Mode
Figure 9
−−40
−50
−70
−80
0
5
10
20
−30
−10
f − Frequency − kHz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0
30
50
100
−20
−60
Vref = 1 V dc + 1 V p/p Sinewave,
Output Full Scale
Slow Mode


Similar Part No. - TLV5616I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5616I TI-TLV5616I Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616ID TI-TLV5616ID Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616ID TI1-TLV5616ID Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616IDG4 TI1-TLV5616IDG4 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616IDGK TI-TLV5616IDGK Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5616I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com