Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM62256A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HM62256A
Description  32,768-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 
 1 page
background image
The Hitachi HM62256A is a CMOS static RAM
organized 32-kword
× 8-bit. It realizes higher
performance and low power consumption by
employing 0.8 µm Hi-CMOS process technology.
The device, packaged in a 8
× 14 mm TSOP with
thickness of 1.2 mm, 450-mil SOP (foot print pitch
width), 600-mil plastic DIP, or 300-mil plastic DIP,
is available for high density mounting. TSOP
package is suitable for cards, and reverse type
TSOP is also provided. It offers low power
standby power dissipation; therefore, it is suitable
for battery back up system.
Features
• High speed: Fast Access time 85/100/120/150 ns
(max)
• Low Power
Standby: 5 µW (typ) (L/L-SL version)
Operation: 40 mW (typ) (f = 1 MHz)
• Single 5 V supply
• Completely static memory
No clock or timing strobe required
• Equal access and cycle times
• Common data input and output: Three state
output
• Directly TTL compatible: All inputs and outputs
• Capability of battery back up operation
Ordering Information
Type No.
Access time Package
——————————————————————–
HM62256AP-8
85 ns
600-mil
HM62256AP-10
100 ns
28-pin
HM62256AP-12
120 ns
plastic DIP
HM62256AP-15
150 ns
(DP-28)
————————————————–
HM62256ALP-8
85 ns
HM62256ALP-10
100 ns
HM62256ALP-12
120 ns
HM62256ALP-15
150 ns
————————————————–
HM62256ALP-8SL
85 ns
HM62256ALP-10SL
100 ns
HM62256ALP-12SL
120 ns
HM62256ALP-15SL
150 ns
——————————————————————–
HM62256ASP-8
85 ns
300-mil
HM62256ASP-10
100 ns
28-pin
HM62256ASP-12
120 ns
plastic DIP
HM62256ASP-15
150 ns
(DP-28NA)
————————————————–
HM62256ALSP-8
85 ns
HM62256ALSP-10
100 ns
HM62256ALSP-12
120 ns
HM62256ALSP-15
150 ns
————————————————–
HM62256ALSP-8SL
85 ns
HM62256ALSP-10SL 100 ns
HM62256ALSP-12SL 120 ns
HM62256ALSP-15SL 150 ns
——————————————————————–
HM62256AFP-8T
85 ns
450-mil
HM62256AFP-10T
100 ns
28-pin
HM62256AFP-12T
120 ns
plastic SOP
HM62256AFP-15T
150 ns
(FP-28DA)
————————————————–
HM62256ALFP-8T
85 ns
HM62256ALFP-10T
100 ns
HM62256ALFP-12T
120 ns
HM62256ALFP-15T
150 ns
————————————————–
HM62256ALFP-8SLT
85 ns
HM62256ALFP-10SLT 100 ns
HM62256ALFP-12SLT 120 ns
HM62256ALFP-15SLT 150 ns
——————————————————————–
1
HM62256A Series
Maintenance only
32,768-word
× 8-bit High Speed CMOS Static RAM
Note: This device is not available for new application.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6264A8192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6286465536-word ´ 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HM628128ALFP-10131 072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl