Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5628C Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC5628C
Description  OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5628C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5628C Datasheet HTML 2Page - Texas Instruments TLC5628C Datasheet HTML 3Page - Texas Instruments TLC5628C Datasheet HTML 4Page - Texas Instruments TLC5628C Datasheet HTML 5Page - Texas Instruments TLC5628C Datasheet HTML 6Page - Texas Instruments TLC5628C Datasheet HTML 7Page - Texas Instruments TLC5628C Datasheet HTML 8Page - Texas Instruments TLC5628C Datasheet HTML 9Page - Texas Instruments TLC5628C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLC5628C, TLC5628I
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS089E – NOVEMBER 1994 – REVISED APRIL 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
equivalent of inputs and outputs
GND
Vref
Input
VDD
To DAC
Resistor
String
_
+
VDD
DAC
Voltage Output
ISINK
60
µA
Typical
84 k
84 k
× 1
× 2
Output
Range
Select
Input from
Decoded DAC
Register String
INPUT CIRCUIT
OUTPUT CIRCUIT
GND
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (VDD – GND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VID
GND – 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range
GND – 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC5628C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC5628I
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–50
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5.25
V
High-level voltage, VIH
0.8 VDD
V
Low-level voltage, VIL
0.8
V
Reference voltage, Vref [A|B|C|D|E|F|G|H]
VDD – 1.5
V
Analog full-scale output voltage, RL = 10 kΩ
3.5
V
Load resistance, RL
10
k
Setup time, data input, tsu(DATA-CLK) (see Figures 1 and 2)
50
ns
Valid time, data input valid after CLK
↓, tv(DATA-CLK) (see Figures 1 and 2)
50
ns
Setup time, CLK eleventh falling edge to LOAD, tsu(CLK-LOAD) (see Figure 1)
50
ns
Setup time, LOAD
↑ to CLK↓, tsu(LOAD-CLK) (see Figure 1)
50
ns
Pulse duration, LOAD, tw(LOAD) (see Figure 1)
250
ns
Pulse duration, LDAC, tw(LDAC) (see Figure 2)
250
ns
Setup time, LOAD
↑ to LDAC↓, tsu(LOAD-LDAC) (see Figure 2)
0
ns
CLK frequency
1
MHz
Operating free air temperature TA
TLC5628C
0
70
°C
Operating free-air temperature, TA
TLC5628I
–40
85
°C


Similar Part No. - TLC5628C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5628C TI-TLC5628C Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628CDW TI-TLC5628CDW Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628CN TI-TLC5628CN Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5628C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C Datasheet
212Kb / 13P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5628C TI1-TLV5628C_08 Datasheet
416Kb / 18P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com