Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7524I Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC7524I
Description  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7524I Datasheet(HTML) 5 Page - Texas Instruments

  TLC7524I Datasheet HTML 1Page - Texas Instruments TLC7524I Datasheet HTML 2Page - Texas Instruments TLC7524I Datasheet HTML 3Page - Texas Instruments TLC7524I Datasheet HTML 4Page - Texas Instruments TLC7524I Datasheet HTML 5Page - Texas Instruments TLC7524I Datasheet HTML 6Page - Texas Instruments TLC7524I Datasheet HTML 7Page - Texas Instruments TLC7524I Datasheet HTML 8Page - Texas Instruments TLC7524I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TLC7524C, TLC7524E, TLC7524I
8BIT MULTIPLYING DIGITALTOANALOG CONVERTERS
SLAS061D − SEPTEMBER 1986 − REVISED JUNE 2007
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
voltage-mode operation
It is possible to operate the current-multiplying DAC in these devices in a voltage mode. In the voltage mode,
a fixed voltage is placed on the current output terminal. The analog output voltage is then available at the
reference voltage terminal. Figure 1 is an example of a current-multiplying DAC, which is operated in voltage
mode.
R
1
0
REF (Analog Output Voltage)
OUT2
OUT1 (Fixed Input Voltage)
R
R
R
2R
2R
2R
2R
Figure 1. Voltage Mode Operation
The relationship between the fixed-input voltage and the analog-output voltage is given by the following
equation:
VO = VI (D/256)
where
VO = analog output voltage
VI = fixed input voltage
D
= digital input code converted to decimal
In voltage-mode operation, these devices meet the following specification:
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Linearity error at REF
VDD = 5V,
OUT1 = 2.5V,
OUT2 at GND,
TA = +25°C
1
LSB


Similar Part No. - TLC7524I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7524I TI-TLC7524I Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524I TI-TLC7524I Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524ID TI-TLC7524ID Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524ID TI1-TLC7524ID Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDG4 TI1-TLC7524IDG4 Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7524I

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com