Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS5661A Datasheet(PDF) 2 Page - Texas Instruments

Part # THS5661A
Description  DIGITAL-TO-ANALOG CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5661A Datasheet(HTML) 2 Page - Texas Instruments

  THS5661A_15 Datasheet HTML 1Page - Texas Instruments THS5661A_15 Datasheet HTML 2Page - Texas Instruments THS5661A_15 Datasheet HTML 3Page - Texas Instruments THS5661A_15 Datasheet HTML 4Page - Texas Instruments THS5661A_15 Datasheet HTML 5Page - Texas Instruments THS5661A_15 Datasheet HTML 6Page - Texas Instruments THS5661A_15 Datasheet HTML 7Page - Texas Instruments THS5661A_15 Datasheet HTML 8Page - Texas Instruments THS5661A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
THS5661A
12BIT, 125 MSPS, CommsDAC
DIGITALTOANALOG CONVERTER
SLAS247B − NOVEMBER 1999 REVISED SEPTEMBER 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The THS5661A is available in both a 28-pin SOIC and TSSOP package. The device is characterized for
operation over the industrial temperature range of −40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
28-TSSOP
(PW)
28-SOIC
(DW)
−40
°C to 85°C
THS5661AIPW
THS5661AIDW
functional block diagram
IOUT1
IOUT2
CLK
D[11:0]
EXTLO
DGND
AVDD
EXTIO
COMP2
Current
Source
Array
Output
Current
Switches
AGND
1.2 V
REF
BIASJ
+
Control
AMP
0.1
µF
2 k
I BIAS
COMP1
Logic
Control
50
1 nF
DVDD
RBIAS
SLEEP
MODE
RLOAD
RLOAD
CEXT
C1
0.1
µF
0.1
µF
50


Similar Part No. - THS5661A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661ADW TI-THS5661ADW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIDW TI-THS5661AIDW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661AIPW TI-THS5661AIPW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661APW TI-THS5661APW Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5661A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com