Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM74101 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SM74101
Description  SM74101 Tiny 7A MOSFET Gate Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM74101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM74101 Datasheet HTML 7Page - Texas Instruments SM74101 Datasheet HTML 8Page - Texas Instruments SM74101 Datasheet HTML 9Page - Texas Instruments SM74101 Datasheet HTML 10Page - Texas Instruments SM74101 Datasheet HTML 11Page - Texas Instruments SM74101 Datasheet HTML 12Page - Texas Instruments SM74101 Datasheet HTML 13Page - Texas Instruments SM74101 Datasheet HTML 14Page - Texas Instruments SM74101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SM74101
www.ti.com
SNOSBA2B – JULY 2011 – REVISED MAY 2015
Thermal Considerations (continued)
PD = 0.118 + 0.008 + 0.012 = 0.138W.
(3)
We know that the junction temperature is given by
TJ = PD x θJA + TA
(4)
Or the rise in temperature is given by
TRISE = TJ − TA = PD x θJA
(5)
For WSON-6 package, the integrated circuit die is attached to leadframe die pad which is soldered directly to the
printed circuit board. This substantially decreases the junction to ambient thermal resistance (
θJA). By providing
suitable means of heat dispersion from the IC to the ambient through exposed copper pad, which can readily
dissipate heat to the surroundings,
θJA as low as 40°C / Watt is achievable with the package. The resulting Trise
for the driver example above is thereby reduced to just 5.5 degrees.
Therefore TRISE is equal to
TRISE = 0.138 x 40 = 5.5°C
(6)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SM74101


Similar Part No. - SM74101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM74104 TI-SM74104 Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104MA/NOPB TI-SM74104MA/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104MAX/NOPB TI-SM74104MAX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104SD/NOPB TI-SM74104SD/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
SM74104SDX/NOPB TI-SM74104SDX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
More results

Similar Description - SM74101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112 TI1-LM5112 Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SD TI1-LM5112SD Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Maxim Integrated Produc...
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com