Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM72482 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SM72482
Description  Dual 5A Compound Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72482 Datasheet(HTML) 2 Page - Texas Instruments

  SM72482 Datasheet HTML 1Page - Texas Instruments SM72482 Datasheet HTML 2Page - Texas Instruments SM72482 Datasheet HTML 3Page - Texas Instruments SM72482 Datasheet HTML 4Page - Texas Instruments SM72482 Datasheet HTML 5Page - Texas Instruments SM72482 Datasheet HTML 6Page - Texas Instruments SM72482 Datasheet HTML 7Page - Texas Instruments SM72482 Datasheet HTML 8Page - Texas Instruments SM72482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SM72482
SNVS696C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
NC
No Connect
2
IN_A
‘A’ side control input
TTL compatible thresholds.
3
VEE
Ground reference for both inputs and
Connect to power ground.
outputs
4
IN_B
‘B’ side control input
TTL compatible thresholds.
5
OUT_B
Output for the ‘B’ side driver.
Voltage swing of this output is from VCC to VEE. The output stage is
capable of sourcing 3A and sinking 5A.
6
VCC
Positive output supply
Locally decouple to VEE.
7
OUT_A.
Output for the ‘A’ side driver.
Voltage swing of this output is from VCC to VEE. The output stage is
capable of sourcing 3A and sinking 5A.
8
NC
No Connect
Table 1. Configuration Table
Part Number
“A” Output Configuration
“B” Output Configuration
Package
SM72482MY-1
Non-Inverting (Low in UVLO)
Non-Inverting (Low in UVLO)
VSSOP
SM72482MA-4
Inverting (High in UVLO)
Non-Inverting (Low in UVLO)
SOIC
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VCC to VEE
−0.3V to 15V
IN to VEE
−0.3V to 15V
Storage Temperature Range, (TSTG)
−55°C to +150°C
Maximum Junction Temperature,
(TJ(max))
+150°C
Operating Junction Temperature
+125°C
ESD Rating
2kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
TJ = −40°C to +125°C, VCC = 12V, VEE = 0V, No Load on OUT_A or OUT_B, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC Operating Range
VCC−VEE
3.5
14
V
VCCR
VCC Under Voltage Lockout (rising) VCC−VEE
2.3
2.9
3.5
V
VCCH
VCC Under Voltage Lockout
230
mV
Hysteresis
ICC
VCC Supply Current (ICC)
IN_A = IN_B = 0V (SM72482MY-1)
1
2
mA
IN_A = VCC, IN_B = 0V
1
2
(SM72482MA-4)
CONTROL INPUTS
VIH
Logic High
2.2
V
VIL
Logic Low
0.8
V
VthH
High Threshold
1.3
1.75
2.2
V
VthL
Low Threshold
0.8
1.35
2.0
V
HYS
Input Hysteresis
400
mV
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72482


Similar Part No. - SM72482

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MA-4 NSC-SM72482MA-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MAE-4 NSC-SM72482MAE-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MAX-4 NSC-SM72482MAX-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MY-1 NSC-SM72482MY-1 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
More results

Similar Description - SM72482

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6 DIODES-ZXGD3003E6 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com