Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM72482 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SM72482
Description  Dual 5A Compound Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72482 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SM72482 Datasheet HTML 2Page - Texas Instruments SM72482 Datasheet HTML 3Page - Texas Instruments SM72482 Datasheet HTML 4Page - Texas Instruments SM72482 Datasheet HTML 5Page - Texas Instruments SM72482 Datasheet HTML 6Page - Texas Instruments SM72482 Datasheet HTML 7Page - Texas Instruments SM72482 Datasheet HTML 8Page - Texas Instruments SM72482 Datasheet HTML 9Page - Texas Instruments SM72482 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
UVLO
VEE
IN_A
VCC
VCC
OUT_A
VEE
OUT_B
VEE
IN_B
SM72482
SNVS696C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
BLOCK DIAGRAM
Figure 13. Block Diagram of SM72482
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72482


Similar Part No. - SM72482

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MA-4 NSC-SM72482MA-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MAE-4 NSC-SM72482MAE-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MAX-4 NSC-SM72482MAX-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MY-1 NSC-SM72482MY-1 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
More results

Similar Description - SM72482

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6 DIODES-ZXGD3003E6 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com