Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM72482 Datasheet(PDF) 4 Page - Texas Instruments

Part # SM72482
Description  Dual 5A Compound Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72482 Datasheet(HTML) 4 Page - Texas Instruments

  SM72482_15 Datasheet HTML 1Page - Texas Instruments SM72482_15 Datasheet HTML 2Page - Texas Instruments SM72482_15 Datasheet HTML 3Page - Texas Instruments SM72482_15 Datasheet HTML 4Page - Texas Instruments SM72482_15 Datasheet HTML 5Page - Texas Instruments SM72482_15 Datasheet HTML 6Page - Texas Instruments SM72482_15 Datasheet HTML 7Page - Texas Instruments SM72482_15 Datasheet HTML 8Page - Texas Instruments SM72482_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
17.5
20
22.5
25
27.5
30
32.5
tD2
tD1
TA = 25°C
CL = 2200pF
100
1k
10k
CAPACITIVE LOAD (pF)
0
10
20
30
40
50
tr
tf
TA = 25°C
VCC = 12V
-75 -50 -25
0
25 50 75 100 125 150 175
10
12
14
16
18
20
TEMPERATURE (°C)
tr
tf
VCC = 12V
CL = 2200pF
4
6
9 10
12 13
16
10
14
16
18
20
SUPPLY VOLTAGE (V)
12
5
7
8
11
14 15
tr
tf
TA = 25°C
CL = 2200pF
1
10
100
1000
FREQUENCY (kHz)
0.1
1
10
100
VCC = 15V
VCC = 10V
VCC = 5V
TA = 25°C
CL = 2200pF
100
1
1k
100
10k
CAPACITIVE LOAD (pF)
0.1
10
1000
f = 500kHz
f = 100kHz
f = 10kHz
TA = 25°C
VCC = 12V
SM72482
SNVS696C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Supply Current vs Frequency
Supply Current vs Capacitive Load
Figure 4.
Figure 5.
Rise and Fall Time vs Supply Voltage
Rise and Fall Time vs Temperature
Figure 6.
Figure 7.
Rise and Fall Time vs Capacitive Load
Delay Time vs Supply Voltage
Figure 8.
Figure 9.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72482


Similar Part No. - SM72482_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72482MA-4 NSC-SM72482MA-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MAE-4 NSC-SM72482MAE-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MAX-4 NSC-SM72482MAX-4 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MY-1 NSC-SM72482MY-1 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
SM72482MYE-1 NSC-SM72482MYE-1 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
More results

Similar Description - SM72482_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6 DIODES-ZXGD3003E6 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com