Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA171-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA171-Q1
Description  OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA171-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  OPA171-Q1_15 Datasheet HTML 1Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 2Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 3Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 4Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 5Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA171-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
OPA171-Q1, OPA2171-Q1, OPA4171-Q1
SBOS556B – JUNE 2011 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................. 14
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 16
2
Applications ........................................................... 1
8
Application and Implementation ........................ 17
3
Description ............................................................. 1
8.1
Application Information............................................ 17
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 18
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 20
6
Specifications......................................................... 4
10
Layout................................................................... 20
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 20
6.2
ESD Ratings.............................................................. 5
10.2
Layout Example .................................................... 21
6.3
Recommended Operating Conditions ....................... 5
11
Device and Documentation Support ................. 21
6.4
Thermal Information — OPA171-Q1 and OPA2171-
Q1 ............................................................................. 5
11.1
Documentation Support ........................................ 21
6.5
Thermal Information — OPA4171-Q1....................... 5
11.2
Related Links ........................................................ 21
6.6
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 21
6.7
Typical Characteristics .............................................. 7
11.4
Electrostatic Discharge Caution ............................ 22
11.5
Glossary ................................................................ 22
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
7.2
Functional Block Diagram ....................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2012) to Revision B
Page
Added the Handling Ratings table, Feature Description section, Device Functional Modes section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
Added the OPA2171-Q1 and OPA4171-Q1 devices to the data sheet ................................................................................ 1
Changes from Original (June, 2011) to Revision A
Page
Added second bullet to Features: AEC-Q100 Test Guidance With the Following Results: –Device Temperature
Grade1: -40°C to 125°C Ambient Operating Temperature Range –Device HBM ESD Classification Level H2
–Device CDM ESD Classification Level C3A ......................................................................................................................... 1
Added classification levels to ESD ratings in Absolute Maximum Ratings table. .................................................................. 4
Added row to Absolute Maximum Ratings table: Latch-up per JESD78D with Class 1 value. .............................................. 4
2
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: OPA171-Q1 OPA2171-Q1 OPA4171-Q1


Similar Part No. - OPA171-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
More results

Similar Description - OPA171-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
[Old version datasheet]   36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
   General-purpose single operational amplifier
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com