Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP2611CGGH1R Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # VP2611CGGH1R
Description  H.261 Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP2611CGGH1R Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button VP2611CGGH1R Datasheet HTML 4Page - Mitel Networks Corporation VP2611CGGH1R Datasheet HTML 5Page - Mitel Networks Corporation VP2611CGGH1R Datasheet HTML 6Page - Mitel Networks Corporation VP2611CGGH1R Datasheet HTML 7Page - Mitel Networks Corporation VP2611CGGH1R Datasheet HTML 8Page - Mitel Networks Corporation VP2611CGGH1R Datasheet HTML 9Page - Mitel Networks Corporation VP2611CGGH1R Datasheet HTML 10Page - Mitel Networks Corporation VP2611CGGH1R Datasheet HTML 11Page - Mitel Networks Corporation VP2611CGGH1R Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
VP2611
8
CBUS Control Port
The CBUS control port is used to input control and setup
information and also to output status information. In order to
save on pin count, a microprocessor driving this port is
required to execute two I/O instructions in order to transfer a
single byte of information to or from the device. The first
transfer is always a write operation, with a low level on the
single address line which is used by the interface. Data on the
bus then defines the instructions listed in Table 3. The second
transfer can be a read or write operation as necessary, but the
address line must then be high with the set up time given in
Figure 10.
In addition to the single addresss line (CADR), data
transfers use a control strobe (CSTR) which is only effective
when a chip enable is present (CEN). Detailed timing informa-
tion is given in Figure 10, and when writing data or instructions
to the VP2615 the set up and hold times which are referenced
to the rising edge of CSTR must be maintained.
When a write instruction has been defined CADR should
be pulled high, valid data presented to CBUS7:0 and then
strobed in using CSTR. Other system I/O transfers can occur
between defining a write operation and supplying the data to
be written, assuming CEN is not active during those other
transfers. If CSTR does not go active because of I/O transfers
to other devices, then CEN can remain active low between the
instruction and data.
When a read instruction has been specified the requested
data will then be output on CBUS7:0 after the access time
specified from CEN going low, assuming that CADR was
already high. Otherwise the data will become valid after the
access time specified from CADR going high after CEN was
Fig 10 : Use of the Control Port
*
*
20ns
*
20ns
GO
O
C US
WRITING DATA FROM THE CBUS:
This diagram shows a typical instruction and associated data field being written to the device.
READING INFORMATION ON CBUS :
This diagram shows a typical instruction and associated data field being read from the device.
If Th is less than 5 ns then CBUS may be driven by the VP2615until CEN going high eventually turns off
the drivers. It will not prevent correct data being read when CEN again goes active
N.B. All timings shown are minimum values except those marked * which are maximums.
DATA IN
CEN
CADR
CSTR
CBUS
I/P
INSTRUCTION
20ns
20ns
20ns
DATA OUT
CEN
CADR
CSTR
CBUS
INSTRUCTION
10ns
10ns
20ns
50ns
20ns
Th
20ns
20ns
20ns
10ns
10ns
10ns
20ns
20ns
20ns
20ns
10ns
10ns
10ns
20ns
20ns
20ns
20ns
10ns
10ns
10ns
20ns
20ns
20ns
20ns
10ns
10ns
10ns
10ns
20ns


Similar Part No. - VP2611CGGH1R

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP2612 MITEL-VP2612 Datasheet
154Kb / 11P
   Video Multiplexer
VP2612CGGPFR MITEL-VP2612CGGPFR Datasheet
154Kb / 11P
   Video Multiplexer
VP2614 MITEL-VP2614 Datasheet
167Kb / 12P
   H.261 Video De-Multiplexer
VP2614CGGPFR MITEL-VP2614CGGPFR Datasheet
167Kb / 12P
   H.261 Video De-Multiplexer
VP2615 MITEL-VP2615 Datasheet
134Kb / 11P
   H.261 Decoder
More results

Similar Description - VP2611CGGH1R

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP2615 MITEL-VP2615 Datasheet
134Kb / 11P
   H.261 Decoder
logo
Winbond
W9961CF WINBOND-W9961CF Datasheet
344Kb / 63P
   H.263/H.261 Video Codec
logo
Mitel Networks Corporat...
VP2614 MITEL-VP2614 Datasheet
167Kb / 12P
   H.261 Video De-Multiplexer
logo
Amphenol Corporation
31-15 AMPHENOL-31-15 Datasheet
94Kb / 1P
   BNC JACK UG-261/U
logo
Advantech Co., Ltd.
VEGA-2002 ADVANTECH-VEGA-2002 Datasheet
701Kb / 3P
   4K UHD H.265/H.264 Real-Time Encoder and Streaming Module
20-Dec-2022
logo
Semtech Corporation
UR5HCSPI-FB SEMTECH-UR5HCSPI-FB Datasheet
126Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR5HCSPI-06 SEMTECH-UR5HCSPI-06 Datasheet
142Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
   ENCODER
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com