Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5876 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5876
Description  3rd-order, 2-channel D/A Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5876 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5876 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SM5876AM
NIPPON PRECISION CIRCUITS—11
AC Measurement Circuit and Conditions
Measurement circuit block diagram
Measurement conditions
Parameter1
1. Pins LO and RO should have an output load of 10 k
Ω (min).
Symbol
3346A left/right-channel selector
switch
AD725C distortion analyzer with
built-in filter
Total harmonic distortion
THD
+ N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
Output level
Vout
Dynamic range
DR
D-RANGE
Signal-to-noise ratio
S/N
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
JIS A filter ON
Channel separation
Ch. Sep
THRU
20 kHz lowpass filter ON
400 Hz highpass filter OFF
Signal
Generator
Evaluation
Board
L/R Channel
Selector
Distortion
Analyzer
CKO
(768fs/384fs)
BCK
LRCK(fs)
DATA
Left Channel
Right Channel
fs= 44.1kHz
DATA= 16bit
10k
Ω Input Impedance
NF Corporation 3346A
RMS Measurement
Shibasoku AD725C


Similar Part No. - SM5876

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
   CMOS LSI(Digital Audio D/A Converter)
SM5872 NPC-SM5872 Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AN NPC-SM5872AN Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
SM5872AS NPC-SM5872AS Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results

Similar Description - SM5876

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
   3rd-order , 2-channel D/A Converter
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
   3rd-order , 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
   3rd-order , 2-channel D/A converter
SM588X NPC-SM588X Datasheet
196Kb / 16P
   Audio 3rd-order D/A Converter
logo
Fujitsu Component Limit...
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
   2-Channel 8-BIT D/A Converter
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
   AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
   8-Bit, 2-Channel D/A Converter (Buffered)
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
   8-Bit, 2-Channel D-A Converter (Buffered)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com