Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55-C75 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # ZMM55-C75
Description  SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

ZMM55-C75 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  ZMM55-C75 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. ZMM55-C75 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. ZMM55-C75 Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD. ZMM55-C75 Datasheet HTML 4Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZMM55-C2V4 SERIES
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
c
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @V R
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
4
V
2
C
-
5
5
M
M
Z
4
.
2
8
2
.
2
6
5
.
2
5
8
5
0
0
6
1
0
5
1
4
V
2
C
7
V
2
C
-
5
5
M
M
Z
7
.
2
5
.
2
9
.
2
5
8
5
0
0
6
1
0
1
1
7
V
2
C
0
V
3
C
-
5
5
M
M
Z
3
8
.
2
2
.
3
5
8
5
0
0
6
1
4
1
0
V
3
C
3
V
3
C
-
5
5
M
M
Z
3
.
3
1
.
3
5
.
3
5
8
5
0
0
6
1
2
1
3
V
3
C
6
V
3
C
-
5
5
M
M
Z
6
.
3
4
.
3
8
.
3
5
8
5
0
0
6
1
2
1
6
V
3
C
9
V
3
C
-
5
5
M
M
Z
9
.
3
7
.
3
1
.
4
5
8
5
0
0
6
1
2
1
9
V
3
C
3
V
4
C
-
5
5
M
M
Z
3
.
4
4
6
.
4
5
7
5
0
0
6
1
1
1
3
V
4
C
7
V
4
C
-
5
5
M
M
Z
7
.
4
4
.
4
5
0
6
5
0
0
6
1
5
.
0
1
7
V
4
C
1
V
5
C
-
5
5
M
M
Z
1
.
5
8
.
4
4
.
5
5
3
5
0
5
5
1
1
.
0
1
1
V
5
C
6
V
5
C
-
5
5
M
M
Z
6
.
5
2
.
5
6
5
2
5
0
5
4
1
1
.
0
1
6
V
5
C
2
V
6
C
-
5
5
M
M
Z
2
.
6
8
.
5
6
.
6
0
1
5
0
0
2
1
1
.
0
2
2
V
6
C
8
V
6
C
-
5
5
M
M
Z
8
.
6
4
.
6
2
.
7
8
5
0
5
1
1
1
.
0
3
8
V
6
C
5
V
7
C
-
5
5
M
M
Z
5
.
7
7
9
.
7
7
5
0
5
1
1
.
0
5
5
V
7
C
2
V
8
C
-
5
5
M
M
Z
2
.
8
7
.
7
7
.
8
7
5
0
5
1
1
.
0
6
2
V
8
C
1
V
9
C
-
5
5
M
M
Z
1
.
9
5
.
8
6
.
9
0
1
5
0
5
1
1
.
0
7
1
V
9
C
0
1
C
-
5
5
M
M
Z
0
1
4
.
9
6
.
0
1
5
1
5
0
7
1
1
.
0
5
.
7
V
0
1
C
1
1
C
-
5
5
M
M
Z
1
1
4
.
0
1
6
.
1
1
0
2
5
0
7
1
1
.
0
5
.
8
V
1
1
C
2
1
C
-
5
5
M
M
Z
2
1
4
.
1
1
7
.
2
1
0
2
5
0
9
1
1
.
0
9
V
2
1
C
3
1
C
-
5
5
M
M
Z
3
1
4
.
2
1
1
.
4
1
6
2
5
0
1
1
1
1
.
0
0
1
V
3
1
C
5
1
C
-
5
5
M
M
Z
5
1
8
.
3
1
6
.
5
1
0
3
5
0
1
1
1
1
.
0
1
1
V
5
1
C
6
1
C
-
5
5
M
M
Z
6
1
3
.
5
1
1
.
7
1
0
4
5
0
7
1
1
1
.
0
2
1
V
6
1
C
8
1
C
-
5
5
M
M
Z
8
1
8
.
6
1
1
.
9
1
0
5
5
0
7
1
1
1
.
0
4
1
V
8
1
C
0
2
C
-
5
5
M
M
Z
0
2
8
.
8
1
2
.
1
2
5
5
5
0
2
2
1
1
.
0
5
1
V
0
2
C
2
2
C
-
5
5
M
M
Z
2
2
8
.
0
2
3
.
3
2
5
5
5
0
2
2
1
1
.
0
7
1
V
2
2
C
4
2
C
-
5
5
M
M
Z
4
2
8
.
2
2
6
.
5
2
0
8
5
0
2
2
1
1
.
0
8
1
V
4
2
C
7
2
C
-
5
5
M
M
Z
7
2
1
.
5
2
9
.
8
2
0
8
5
0
2
2
1
1
.
0
0
2
V
7
2
C
0
3
C
-
5
5
M
M
Z
0
3
8
2
2
3
0
8
5
0
2
2
1
1
.
0
2
2
V
0
3
C
3
3
C
-
5
5
M
M
Z
3
3
1
3
5
3
0
8
5
0
2
2
1
1
.
0
4
2
V
3
3
C
6
3
C
-
5
5
M
M
Z
6
3
4
3
8
3
0
8
5
0
2
2
1
1
.
0
7
2
V
6
3
C
9
3
C
-
5
5
M
M
Z
9
3
7
3
1
4
0
9
5
.
2
0
0
5
1
1
.
0
0
3
V
9
3
C
3
4
C
-
5
5
M
M
Z
3
4
0
4
6
4
0
9
5
.
2
0
0
6
1
1
.
0
3
3
V
3
4
C
7
4
C
-
5
5
M
M
Z
7
4
4
4
0
5
0
1
1
5
.
2
0
0
7
1
1
.
0
6
3
V
7
4
C
1
5
C
-
5
5
M
M
Z
1
5
8
4
4
5
5
2
1
5
.
2
0
0
7
5
.
0
1
.
0
9
3
V
1
5
C
6
5
C
-
5
5
M
M
Z
6
5
2
5
0
6
5
3
1
5
.
2
0
0
0
1
5
.
0
1
.
0
3
4
V
6
5
C
2
6
C
-
5
5
M
M
Z
2
6
8
5
6
6
0
5
1
5
.
2
0
0
0
1
5
.
0
1
.
0
7
4
V
2
6
C
8
6
C
-
5
5
M
M
Z
8
6
4
6
2
7
0
0
2
5
.
2
0
0
0
1
5
.
0
1
.
0
1
5
V
8
6
C
5
7
C
-
5
5
M
M
Z
5
7
0
7
9
7
0
5
2
5
.
2
0
0
5
1
5
.
0
1
.
0
6
5
V
5
7
C
2
8
C
-
5
5
M
M
Z
2
8
7
7
7
8
0
0
3
5
.
2
0
0
0
2
5
.
0
1
.
0
2
6
V
2
8
C
1
9
C
-
5
5
M
M
Z
1
9
5
8
6
9
0
5
4
1
0
0
0
5
1
.
0
1
.
0
8
6
V
1
9
C
0
0
1
C
-
5
5
M
M
Z
0
0
1
4
9
6
0
1
0
5
4
1
0
0
0
5
1
.
0
1
.
0
5
7
0
0
1
C
Notes.
STANDARD VOLTAGE TOLERANCE IS + 5% AND :
SUFFIX “ A” FOR + 1%
SUFFIX “ B” FOR + 2%
SUFFIX “ C” FOR + 5%
SUFFIX “ D” FOR + 20%


Similar Part No. - ZMM55-C75

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ZMM55-C75 PANJIT-ZMM55-C75 Datasheet
103Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Diotech Company.
ZMM55-C75 DIOTECH-ZMM55-C75 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
ZMM55-C75 PANJIT-ZMM55-C75 Datasheet
99Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - ZMM55-C75

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com