Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8852EKGHCAR Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP8852EKGHCAR
Description  2쨌7GHz Parallel Load Professional Synthesiser
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8852EKGHCAR Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP8852EKGHCAR Datasheet HTML 1Page - Mitel Networks Corporation SP8852EKGHCAR Datasheet HTML 2Page - Mitel Networks Corporation SP8852EKGHCAR Datasheet HTML 3Page - Mitel Networks Corporation SP8852EKGHCAR Datasheet HTML 4Page - Mitel Networks Corporation SP8852EKGHCAR Datasheet HTML 5Page - Mitel Networks Corporation SP8852EKGHCAR Datasheet HTML 6Page - Mitel Networks Corporation SP8852EKGHCAR Datasheet HTML 7Page - Mitel Networks Corporation SP8852EKGHCAR Datasheet HTML 8Page - Mitel Networks Corporation SP8852EKGHCAR Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
SP8852E
ELECTRICAL CHARACTERISTICS
The Electrical Characteristics are guaranteed over the following range of operating conditions unless otherwise stated
TAMB = 2 55°C to 1100°C (KG parts), 2 40°C to 185°C (IG parts); VCC = 4·75V to 5·25V
Characteristic
Conditions
Supply current
RF input sensitivity
RF division ratio
Reference division ratio
Comparison frequency
Reference input frequency
Reference input voltage
FREF/FPD output voltage high
FREF/FPD output voltage low
LOCK DETECT output voltage
CHARGE PUMP current
Input bus logic level high
Input bus logic level low
Input bus current source
Input bus current sink
Up/down current matching
CHARGE PUMP REFERENCE voltage
RSET current
RSET voltage
C-LOCK DETECT current
STROBE pulse width
Data setup time
2
5
56
1
10
0
6
1·4
6
2·0
6
3·4
6
5·4
3·5
2
200
VCC21·6
0·5
50
100
240
1
7
16383
1023
50
100
1
10
500
6
1·7
6
2·5
6
4·1
6
6·5
1
10
6
5
VCC20·5
2
180
1
6
2
0·8
2
1·4
300
6
1·5
6
2·3
6
3·8
6
6·1
1·6
1
10
Pin
18, 26
13,14
13,14, 24
28, 25
28, 24, 25
28
28
24, 25
24, 25
17
19, 20, 21
1-11, 38-44
1-11, 38-44
1-11, 38-44
1-11, 38-44
20
21
19
19
18
Typ.
Max.
Min.
mA
dBm
MHz
MHz
dBm
V
V
mV
mA
mA
mA
mA
V
V
µA
µA
%
V
V
mA
V
µA
ns
ns
Units
Value
100MHz to 2·7GHz. See note 3.
Ref division ratio >2. See note 1
WRT VCC, 2·2kΩ to 0V
WRT VCC, 2·2kΩ to 0V
IOUT = 3mA
VPIN20 = VPIN21, IPIN19 = 1·6mA,
multiplication factor = 1
VPIN20 = VPIN21, IPIN19 = 1·6mA,
multiplication factor = 1·5
VPIN20 = VPIN21, IPIN19 = 1·6mA,
multiplication factor = 2·5
VPIN20 = VPIN21, IPIN19 = 1·6mA,
multiplication factor = 4·0
VIN = 0V
VIN = VCC
VPIN20 = VPIN21, IPIN19 = 1·6mA
IPIN19 = 1·6mA, current
multiplication factor = 1·0
IPIN19 = 1·6mA, current
multiplication factor = 4·0
Note 2
IPIN19 = 1·6mA
VPIN18 = 4·7V
Note 3
Note 3
NOTES
1. Lower frequencies may be used provided that slew rates are maintained.
2. Pin 19 current3multiplication factor must be less than 5mA if charge pump accuracy is to be maintained.
3. Guranteed but not tested.


Similar Part No. - SP8852EKGHCAR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8852EKGHCAR ZARLINK-SP8852EKGHCAR Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8852EKGHCAR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com