Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF252-5-TL-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # TF252-5-TL-H
Description  N-Channel JFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF252-5-TL-H Datasheet(HTML) 3 Page - ON Semiconductor

  TF252-5-TL-H Datasheet HTML 1Page - ON Semiconductor TF252-5-TL-H Datasheet HTML 2Page - ON Semiconductor TF252-5-TL-H Datasheet HTML 3Page - ON Semiconductor TF252-5-TL-H Datasheet HTML 4Page - ON Semiconductor TF252-5-TL-H Datasheet HTML 5Page - ON Semiconductor TF252-5-TL-H Datasheet HTML 6Page - ON Semiconductor TF252-5-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TF252
No. A0841-3/7
GV -- IDSS
ΔGVV -- IDSS
VGS(off) -- IDSS
⏐yfs⏐ -- IDSS
Ciss -- VDS
Crss -- VDS
Zero-Gate Voltage Drain Current, IDSS -- μA
Zero-Gate Voltage Drain Current, IDSS -- μA
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Zero-Gate Voltage Drain Current, IDSS -- μA
Zero-Gate Voltage Drain Current, IDSS -- μA
ID -- VGS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
IT12448
--1.0
--0.8
--0.6
--0.4
--0.2
--0.9
--0.7
--0.5
--0.3
--0.4
--0.2
0
0.4
0.8
1.2
0.2
0.6
1.0
1.8
1.6
1.4
--0.20
--0.25
--0.30
--0.35
--0.40
--0.55
--0.50
--0.45
--0.60
100
150
200
250
300
400
350
IT12449
100
150
200
250
300
400
350
VDS=2V
ID=1μA
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
100
150
200
250
300
400
350
IT12444
100
150
200
250
300
400
350
IT12445
VDS=2V
VGS=0V
f=1kHz
10
7
5
3
2
1.0
1.0
10
23
5
7
7
52
3
IT12446
VGS=0V
f=1MHz
IT12447
1.0
7
5
3
3
2
1.0
10
23
5
7
7
52
3
VGS=0V
f=1MHz
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
400
300
200
100
0
IT12442
IT12443
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V
400
300
200
100
0
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V
ΔGVV : VCC=2V 1.5V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V


Similar Part No. - TF252-5-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF252 SANYO-TF252 Datasheet
53Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
logo
List of Unclassifed Man...
TF252 ETC2-TF252 Datasheet
123Kb / 4P
   2.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF252 TAITRON-TF252 Datasheet
124Kb / 4P
   2.5A Fast Recovery Rectifier
logo
TDK Electronics
TF2527VU TDK-TF2527VU Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2528S TDK-TF2528S Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
More results

Similar Description - TF252-5-TL-H

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com