Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD7201 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCD7201
Description  UCD7201 Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD7201_15 Datasheet HTML 5Page - Texas Instruments UCD7201_15 Datasheet HTML 6Page - Texas Instruments UCD7201_15 Datasheet HTML 7Page - Texas Instruments UCD7201_15 Datasheet HTML 8Page - Texas Instruments UCD7201_15 Datasheet HTML 9Page - Texas Instruments UCD7201_15 Datasheet HTML 10Page - Texas Instruments UCD7201_15 Datasheet HTML 11Page - Texas Instruments UCD7201_15 Datasheet HTML 12Page - Texas Instruments UCD7201_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
−50
50
−25
0
25
75
100
0
5
10
15
20
25
30
35
40
45
50
TJ − Temperature − °C
125
−50
50
125
−25
0
25
75
100
0
5
10
15
20
25
30
35
TJ − Temperature − °C
−50
50
125
−25
0
25
75
100
0
5
10
15
20
25
30
35
40
TJ − Temperature − °C
−50
50
125
−25
0
25
75
100
0.51
0.52
0.53
0.54
0.55
0.56
0.57
0.58
0.59
TJ − Temperature − °C
0
5
10
15
20
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
5
10
15
20
25
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
UCD7201
www.ti.com
SLUS645F – FEBRUARY 2005 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Figure 15. IN to OUTx Propagation Delay Falling vs Supply
Figure 14. IN to OUTx Propagation Delay Rising vs Supply
Voltage
Voltage
Figure 16. Default Current Limit Threshold vs Temperature
Figure 17. CS to OUTx Propagation Delay vs Temperature
Figure 19. IN to OUT Propagation Delay vs Temperature
Figure 18. CS to CLF Propagation Delay vs Temperature
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCD7201


Similar Part No. - UCD7201_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
More results

Similar Description - UCD7201_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7201 TI1-UCD7201_13 Datasheet
938Kb / 25P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7201 TI-UCD7201 Datasheet
405Kb / 20P
[Old version datasheet]   Digital Control Compatible Dual Low-Side 짰 Amp MOSFET Drivers with Programmable Common Current Sense
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI-UCD7100_V01 Datasheet
1Mb / 30P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
NOVEMBER 2021
UCD7100 TI1-UCD7100_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
UCD7230 TI1-UCD7230_16 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230_07 Datasheet
957Kb / 33P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com