Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28881 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC28881
Description  UCC28881 700-V, 225-mA Low Quiescent Current Off-Line Switcher
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28881 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28881_15 Datasheet HTML 4Page - Texas Instruments UCC28881_15 Datasheet HTML 5Page - Texas Instruments UCC28881_15 Datasheet HTML 6Page - Texas Instruments UCC28881_15 Datasheet HTML 7Page - Texas Instruments UCC28881_15 Datasheet HTML 8Page - Texas Instruments UCC28881_15 Datasheet HTML 9Page - Texas Instruments UCC28881_15 Datasheet HTML 10Page - Texas Instruments UCC28881_15 Datasheet HTML 11Page - Texas Instruments UCC28881_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Copper Area (mm2)
0
200
400
600
800
1000
1200
1400
100
104
108
112
116
120
124
128
132
136
140
D201
D001
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
1.12
D310
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.99
0.995
1
1.005
1.01
1.015
1.02
1.025
1.03
1.035
1.04
1.045
1.05
D001
TOFF(min)
TON(max)
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
0.96
0.97
0.98
0.99
1
1.01
1.02
D308
Temperature (°C)
-50
0
50
100
150
0.96
0.97
0.98
0.99
1
1.01
1.02
D012
UCC28881
SLUSC36A – NOVEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 7. Maximum Switching Frequency vs Temperature
Figure 8. VFB_TH vs Temperature
Figure 9. tON(max) and tOFF(min) vs Temperature
Figure 10. DRAIN breakdown voltage vs Temperature
Figure 11. RTHJA vs Copper Area
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: UCC28881


Similar Part No. - UCC28881_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28881 TI-UCC28881_15 Datasheet
441Kb / 30P
[Old version datasheet]   UCC28881 700-V Lowest Quiescent Current Off-Line Switcher
More results

Similar Description - UCC28881_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28881 TI-UCC28881_15 Datasheet
441Kb / 30P
[Old version datasheet]   UCC28881 700-V Lowest Quiescent Current Off-Line Switcher
UCC28881 TI1-UCC28881_16 Datasheet
525Kb / 31P
[Old version datasheet]   700-V, 225-mA Low Quiescent Current Off-Line Converter
UCC28880 TI1-UCC28880 Datasheet
1Mb / 35P
[Old version datasheet]   700-V Lowest Quiescent Current Off-Line Switcher
UCC28880 TI1-UCC28880_16 Datasheet
1Mb / 37P
[Old version datasheet]   Low Quiescent Current Off-Line Converter
logo
Monolithic Power System...
MP171 MPS-MP171 Datasheet
516Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
logo
ON Semiconductor
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181_15 Datasheet
260Kb / 8P
   Low Quiescent Current: 20 mA Typ.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com