Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55-C7V5 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # ZMM55-C7V5
Description  SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

ZMM55-C7V5 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  ZMM55-C7V5 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. ZMM55-C7V5 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. ZMM55-C7V5 Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD. ZMM55-C7V5 Datasheet HTML 4Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZMM55-C2V4 SERIES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MINI-MELF/LL-34
Unit : inch (mm)
.020(0.5)
.020(0.5)
.012(0.3)
.012(0.3)
.146(3.7)
.130(3.3)
VOLTAGE
2.4 to 100 Volts
POWER
500 mWatts
FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: Molded Glass MINI-MELF
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.03 grams
• Mounting Position: Any
Packing information
T/R - 2.5K per 7" plastic Reel
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
PTOT
0
0
5W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
5
7
1
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TS
5
7
1
+
o
t
5
6
-
O C
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
8
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T
.
x
a
Ms
t
i
n
U
r
i
A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rθ
JA
-
--
-
3
.
0W
m
/
K
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
F
A
m
0
0
2
=
V
F
-
--
-
5
.
1V
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
8
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
SURFACE MOUNT ZENER DIODES
PB FREE PRODUCT


Similar Part No. - ZMM55-C7V5

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM55-C7V5 JGD-ZMM55-C7V5 Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
Pan Jit International I...
ZMM55-C7V5 PANJIT-ZMM55-C7V5 Datasheet
103Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Galaxy Semi-Conductor H...
ZMM55-C7V5 BILIN-ZMM55-C7V5 Datasheet
192Kb / 2P
   ZENER DIODES
logo
Diotech Company.
ZMM55-C7V5 DIOTECH-ZMM55-C7V5 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
ZMM55-C7V5 PANJIT-ZMM55-C7V5 Datasheet
99Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - ZMM55-C7V5

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com