Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8830 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8830
Description  1.5GHz 첨 10 Prescaler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8830 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8830 Datasheet HTML 1Page - Mitel Networks Corporation SP8830 Datasheet HTML 2Page - Mitel Networks Corporation SP8830 Datasheet HTML 3Page - Mitel Networks Corporation SP8830 Datasheet HTML 4Page - Mitel Networks Corporation SP8830 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Advance Information
SP8830
1
2
3
4
8
7
6
5
1n
0·1
µ
1
5V
1n
RATIO
COUNTER
POWER
METER
50
50
SIGNAL GENERATOR
Output load for
amplitude measurements
3p
0·1
µ
FROM
OUTPUT
COAXIAL
SWITCH
SP8830
1k
j 2
j 1
j 0.5
j 0.2
0
2
j 0.2
2
j 0.5
2
j 1
2
j 2
1
0.5
0.2
j 5
2
j 5
2
5
500MHz
1500MHz
100MHz
1000MHz
Figure 4 Test circuit
Figure 5 Typical input impdance, normalised to 50


Similar Part No. - SP8830

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8830 ZARLINK-SP8830 Datasheet
316Kb / 6P
   1.5GHz 첨 10 Prescaler
SP8830ADG ZARLINK-SP8830ADG Datasheet
316Kb / 6P
   1.5GHz 첨 10 Prescaler
SP8830BDG ZARLINK-SP8830BDG Datasheet
316Kb / 6P
   1.5GHz 첨 10 Prescaler
More results

Similar Description - SP8830

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8830 ZARLINK-SP8830 Datasheet
316Kb / 6P
   1.5GHz 첨 10 Prescaler
SP4642 ZARLINK-SP4642 Datasheet
334Kb / 3P
   1GHz 첨 256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
SP8401 ZARLINK-SP8401 Datasheet
345Kb / 4P
   Very Low Phase Noise 300MHz 첨 10/11
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Exar Corporation
CLC1605 EXAR-CLC1605 Datasheet
1Mb / 21P
   1.5GHz Amplifiers
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
logo
List of Unclassifed Man...
TQ8710 ETC1-TQ8710 Datasheet
85Kb / 6P
   1.5GHz/2.7 Gb/s 1:10 50Ohm Driver/Buffer
logo
Teledyne Technologies I...
TDPL97240 TELEDYNE-TDPL97240 Datasheet
1Mb / 18P
   5 GHz in 10/11 prescaler modulus
May 1, 2023
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com