Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27527DSDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27527DSDR
Description  Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27527DSDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27527DSDR Datasheet HTML 4Page - Texas Instruments UCC27527DSDR Datasheet HTML 5Page - Texas Instruments UCC27527DSDR Datasheet HTML 6Page - Texas Instruments UCC27527DSDR Datasheet HTML 7Page - Texas Instruments UCC27527DSDR Datasheet HTML 8Page - Texas Instruments UCC27527DSDR Datasheet HTML 9Page - Texas Instruments UCC27527DSDR Datasheet HTML 10Page - Texas Instruments UCC27527DSDR Datasheet HTML 11Page - Texas Instruments UCC27527DSDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
4
4.6
5.2
5.8
6.4
7
7.6
−50
0
50
100
150
Temperature (°C)
Input High Threshold
Input Low Threshold
VDD=12V
G001
1
1.4
1.8
2.2
−50
0
50
100
150
Temperature (°C)
EN High Threshold
EN Low Threshold
VDD=12V
G001
0.3
0.4
0.5
0.6
0.7
0.8
−50
0
50
100
150
Temperature (°C)
INA/INB=VDD
INA/INB=GND
VDD=12V
G001
3.8
4
4.2
4.4
4.6
4.8
−50
0
50
100
150
Temperature (°C)
UVLO Rising
UVLO Falling
G001
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
−50
0
50
100
150
Temperature (°C)
IN=Low/High
VDD=3.4V
G001
6
7
8
9
10
−50
0
50
100
150
Temperature (°C)
VDD=12V
CLoad=500pF
fSW=500kHz
Both Channel Switching
G001
UCC27527, UCC27528
SLUSBD0E – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
7.7 Typical Characteristics
VDD = 12 V
CLOAD = 500 pF
VDD = 3.4 V
fSW = 500 kHz
Both Channel Switching
Figure 6. Operating Supply Current vs Temperature
Figure 5. Start-Up Current vs Temperature
(Outputs Switching)
VDD = 12 V
Figure 7. Supply Current vs Temperature (Outputs In DC
Figure 8. UVLO Threshold vs Temperature
On/Off Condition)
VDD = 12 V
VDD = 12 V
Figure 9. Input Threshold vs Temperature
Figure 10. Enable Threshold vs Temperature
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: UCC27527 UCC27528


Similar Part No. - UCC27527DSDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27527 TI-UCC27527 Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
More results

Similar Description - UCC27527DSDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27528-Q1 TI-UCC27528-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27527 TI-UCC27527 Datasheet
1,009Kb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver Based on CMOS Input Threshold Logic
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com