Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2020C Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SR2020C
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SR2020C Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SR2020C Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SR2020C Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TO-220 PACKAGE
NUMBER OF CYCLES AT 60Hz
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
100
50
0
150
250
200
1
10
50
Tj=25 C
SURGE CURRENT
8.3ms Single Half
Sine Wave
JEDEC method
8
12
16
20
24
4
0
70
80
90
100
110
120
Tc,CASE TEMPERATURE,( C)
130
140
150
160
180
RATED VOLTAGE
RqJC = 2° C/W
FIG.2- TYPICAL FORWARD VOLTAGE (PER LEG)
100
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
70
50
20
10
5
2
1
SQUARE
WAVE
F
V ,INSTANTANEOUS VOLTAGE(VOLTS)
TJ = 25 C
0.2
0.4
0.6
0.8
1.0
VR, REVERSE CURRENT (VOLTS)
10,000
1,000
100
10
1
0
20
40
60
80
100
120
140
160
180
200
FIG.5-TYPICAL REVERSE CURRENT(PER LEG)
0
100
100,000
Tj=25 C
Tj=100 C
Tj=125 C
Tj=150 C
Tj=25 C
Tj=100 C
Tj=125 C
Tj=150 C
REVERSE VOLTAGE,(V)
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1400
800
600
400
200
0
1200
.1
.4
1.0
4
10
Tj=25 C
40
100
PB FREE PRODUCT
SCHOTTKY BARRIER RECTIFIER
SR2020C thru SR20200
SR2020C-SR2040C
SR2080C-SR20200C
SR2060C


Similar Part No. - SR2020C

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR2020C MIC-SR2020C Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR2020C RECTRON-SR2020C Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
logo
Microdiode Electronics ...
SR2020C CHENDA-SR2020C Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR2020C SHUNYE-SR2020C Datasheet
261Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR2020C DGNJDZ-SR2020C Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR2020C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com