Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECH8653-TL-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # ECH8653-TL-H
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8653-TL-H Datasheet(HTML) 1 Page - ON Semiconductor

  ECH8653-TL-H Datasheet HTML 1Page - ON Semiconductor ECH8653-TL-H Datasheet HTML 2Page - ON Semiconductor ECH8653-TL-H Datasheet HTML 3Page - ON Semiconductor ECH8653-TL-H Datasheet HTML 4Page - ON Semiconductor ECH8653-TL-H Datasheet HTML 5Page - ON Semiconductor ECH8653-TL-H Datasheet HTML 6Page - ON Semiconductor ECH8653-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Low ON-resistance
4V drive
Best suited for LiB charging and discharging switch
Common-drain type
Halogen free compliance
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
7.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
40
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm) 1unit
1.4
W
Total Power Dissipation
PT
When mounted on ceramic substrate (900mm2×0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7011A-003
Product & Package Information
• Package
: ECH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
Ordering number : ENA0851A
876
5
123
4
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain
6 : Drain
7 : Drain
8 : Drain
ECH8
1
4
85
0.15
0 to 0.02
0.65
2.9
0.3
Top View
Bottom View
TL
WY
LOT No.
ECH8653-TL-H
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
ECH8653
N-Channel Power MOSFET
20V, 7.5A, 20mΩ, Dual ECH8
71112 TKIM/53007PE TIIM TC-00000702 No. A0851-1/7


Similar Part No. - ECH8653-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8653 SANYO-ECH8653 Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ECH8653 SANYO-ECH8653 Datasheet
426Kb / 7P
   General-Purpose Switching Device Applications
ECH8653 SANYO-ECH8653_12 Datasheet
426Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ECH8653-TL-H

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com