Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6444 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CPH6444
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6444 Datasheet(HTML) 1 Page - ON Semiconductor

  CPH6444 Datasheet HTML 1Page - ON Semiconductor CPH6444 Datasheet HTML 2Page - ON Semiconductor CPH6444 Datasheet HTML 3Page - ON Semiconductor CPH6444 Datasheet HTML 4Page - ON Semiconductor CPH6444 Datasheet HTML 5Page - ON Semiconductor CPH6444 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
71013 TKIM TC-00002972/62712 TKIM/22509 MSIM/61808PE TIIM TC-00001431 No. A1243-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
CPH6444
N-Channel Power MOSFET
60V, 4.5A, 78mΩ, Single CPH6
Features
Low ON-resistance
Protection diode in
4V drive
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
4.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
18
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm)
1.6
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-003
Ordering number : ENA1243C
Ordering & Package Information
Device
Package
Shipping
memo
CPH6444-TL-W
CPH6
SC-74, SOT-26, SOT-457
3,000
pcs./reel
Pb-Free
and
Halogen Free
Packing Type: TL
Marking
Electrical Connection
3
4
1, 2, 5, 6
TL
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
CPH6444-TL-W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - CPH6444

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6444 SANYO-CPH6444 Datasheet
58Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
CPH6444 SANYO-CPH6444 Datasheet
68Kb / 4P
   General-Purpose Switching Device Applications
CPH6444 SANYO-CPH6444 Datasheet
516Kb / 7P
   General-Purpose Switching Device Applications
CPH6444 SANYO-CPH6444_09 Datasheet
68Kb / 4P
   General-Purpose Switching Device Applications
CPH6444 SANYO-CPH6444_12 Datasheet
516Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH6444

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com