Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8714 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP8714
Description  2100MHz Very Low Current Multi-Modulus Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8714 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP8714 Datasheet HTML 1Page - Mitel Networks Corporation SP8714 Datasheet HTML 2Page - Mitel Networks Corporation SP8714 Datasheet HTML 3Page - Mitel Networks Corporation SP8714 Datasheet HTML 4Page - Mitel Networks Corporation SP8714 Datasheet HTML 5Page - Mitel Networks Corporation SP8714 Datasheet HTML 6Page - Mitel Networks Corporation SP8714 Datasheet HTML 7Page - Mitel Networks Corporation SP8714 Datasheet HTML 8Page - Mitel Networks Corporation SP8714 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SP8714
Fig. 6 Typical S11 parameter for pin 1. VCC = +5.0V
Fig. 5 Toggle frequency test circuit
VCC
VCC
RF INPUT
POWER
DOWN
RATIO
SELECT
MC
RF INPUT
OUTPUT
MODULUS
CONTROL 1 INPUT
1n
1n
10n
10n
100n
C L
50
MONITOR
50
SIGNAL
SOURCE
SP8714
OUTPUT
MODULUS
CONTROL 2 INPUT
V EE
S11
PLOT 50 OHM
NORMALISED
f1: 130MHz
f2: 2.49GHz
j0.2
j0.5
j1
j2
-j0.2
-j0.5
-j2
-j1
f1
0.2
0.5
1
2
f2


Similar Part No. - SP8714

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
   2100 MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714 Datasheet
177Kb / 8P
   2100MHz Very Low Current Multi-Modulus Divider
logo
Zarlink Semiconductor I...
SP8714IG ZARLINK-SP8714IG Datasheet
487Kb / 9P
   2100 MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8714IGMPAC MITEL-SP8714IGMPAC Datasheet
177Kb / 8P
   2100MHz Very Low Current Multi-Modulus Divider
SP8714IGMPAS MITEL-SP8714IGMPAS Datasheet
177Kb / 8P
   2100MHz Very Low Current Multi-Modulus Divider
More results

Similar Description - SP8714

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714_96 Datasheet
177Kb / 8P
   2100MHz Very Low Current Multi-Modulus Divider
logo
List of Unclassifed Man...
SP8704 ETC-SP8704 Datasheet
66Kb / 5P
   950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
logo
Mitel Networks Corporat...
SP8715 MITEL-SP8715 Datasheet
312Kb / 10P
   1100MHz Very Low Current Multi-Modulus Divider
logo
Zarlink Semiconductor I...
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
   1100MHz Very Low Current Multi-Modulus Divider
SP8714 ZARLINK-SP8714 Datasheet
487Kb / 9P
   2100 MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8713 MITEL-SP8713 Datasheet
135Kb / 9P
   1100MHz Very Low Current Three Modulus Divider
logo
Zarlink Semiconductor I...
SP8782A ZARLINK-SP8782A Datasheet
290Kb / 8P
   1GHz 16/17, 32/33 Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8782A MITEL-SP8782A Datasheet
129Kb / 8P
   1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
logo
List of Unclassifed Man...
SP8906 ETC-SP8906 Datasheet
126Kb / 3P
   500MHZ 4 MODULUS DIVIDER
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com