Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5Z2V4T1 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # MM5Z2V4T1
Description  SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MM5Z2V4T1 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MM5Z2V4T1 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MM5Z2V4T1 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. MM5Z2V4T1 Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD. MM5Z2V4T1 Datasheet HTML 4Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This series of Zener diodes is packaged in a SOD–523 surface mount package that
has a power dissipation of 100 mW. They are designed to provide voltage regulation
protection and are especially attractive in situations where space is at a premium. They
are well suited for applications such as cellular phones, hand held portables, and
high density PC boards.
Specification Features:
• Standard Zener Breakdown Voltage Range – 2.4 V to 75 V
• Steady State Power Rating of
200 mW
• Small Body Outline Dimensions: 0.047" x 0.032"(1.20 mm x 0.80 mm)
• Low Body Height: 0.028" (0.7 mm)
• ESD Rating of Class 3 (>16 kV) per Human Body Model
Mechanical Characteristics:
CASE: Void-free, transfer-molded,thermosetting plastic
Epoxy Meets UL 94 V-0
LEAD FINISH: 100% Matte Sn (Tin)
QUALIFIED MAX REFLOW TEMPERATURE:260°C
Device Meets MSL 1 Requirements
MOUNTING POSITION: Any
2
ANODE
1
CATHODE
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
@ TA = 25°C
PD
200
mW
Junction and Storage
Temperature Range
TJ, Tstg
−65 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
MM5Z2V4T1 SERIES
ORDERING INFORMATION
Device
Package
Shipping
MM5ZxxxT1
SOD-523
3000/Tape&Reel
xxd
MARKING DIAGRAM
x x = Specific Device Code
d =Date Code
SURFACE MOUNT ZENER DIODES
PB FREE PRODUCT


Similar Part No. - MM5Z2V4T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z2V4T1 ONSEMI-MM5Z2V4T1 Datasheet
49Kb / 4P
   Zener Voltage Regulators
July, 2004 ??Rev. 2
MM5Z2V4T1 ONSEMI-MM5Z2V4T1 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MM5Z2V4T1G ONSEMI-MM5Z2V4T1G Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MM5Z2V4T1G ONSEMI-MM5Z2V4T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z2V4T1G ONSEMI-MM5Z2V4T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
More results

Similar Description - MM5Z2V4T1

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com