Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5769AKG Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5769AKG
Description  3GHz I2C Bus Synthesiser
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5769AKG Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5769AKG Datasheet HTML 1Page - Mitel Networks Corporation SP5769AKG Datasheet HTML 2Page - Mitel Networks Corporation SP5769AKG Datasheet HTML 3Page - Mitel Networks Corporation SP5769AKG Datasheet HTML 4Page - Mitel Networks Corporation SP5769AKG Datasheet HTML 5Page - Mitel Networks Corporation SP5769AKG Datasheet HTML 6Page - Mitel Networks Corporation SP5769AKG Datasheet HTML 7Page - Mitel Networks Corporation SP5769AKG Datasheet HTML 8Page - Mitel Networks Corporation SP5769AKG Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
SP5769
Electrical Characteristics (continued)
2
3
0
Characteristic
VPORT = 0·7V
VPORT = VCC See Note 1
See Table 3
VIN = VCC
VIN = VEE
See Note 3
5V I2C logic level selected or open circuit
3·3V I2C logic level selected
VIN = VEE to VCC
Conditions
Max.
Min.
Value
Units
mA
µA
mA
µA
V
V
µA
Typ.
10
1
20·5
1·5
10
Output Ports P3 - P0
Sink current
Leakage current
Address select
Input high current
Input low current
Logic level select
Input high level
Input low level
Input current
Pin
6-9
10
6
NOTES
1. Output ports high impedance on power-up, with SDA and SCL at logic ‘0’.
2. If the REF/COMP output is not used, the output should be left open circuit or connected to VCC and disabled by setting RE = ‘0’.
3. Bi-dectional port. When used as an output, the input logic state is ignored. When used as an input, the port should be switched into
high impedance (off) state.
Functional Description
The SP5769 contains all the elements necessary, with the
exception of a frequency reference, loop filter and external
high voltage transistor, to control a varactor tuned local
oscillator, so forming a complete PLL frequency
synthesised source. The device allows for operation with
a high comparison frequency and is fabricated in high
speed logic, which enables the generation of a loop with
good phase noise performance.
The RF input signal is fed to an internal preamplifier, which
provides gain and reverse isolation from the divider signals.
The output of the preamplifier interfaces with the 15-bit
fully programmable divider which is of MN1A architecture,
where the dual modulus prescaler is 416/17, the A counter
is 4 bits, and the M counter is 11 bits.
The output of the programmable divider is applied to the
phase comparator where it is compared in both phase and
frequency domains with the comparison frequency. This
frequency is derived either from the on-chip crystal
controlled oscillator or from an external reference source.
In both cases the reference frequency is divided down to
the comparison frequency by the reference divider which
is programmable into 1 of 16 ratios as detailed inTable 1.
The output of the phase detector feeds a charge pump
and loop amplifier section, which when used with an
external high voltage transistor and loop filter, integrates
the current pulses into the varactor line voltage. The
programmable divider output fPD/2 can be switched to port
P0 by programming the device into test mode. The test
modes are described inTable 5.
Programming
The SP5769 is controlled by an I2C data bus and is
compatible with both standard and fast mode formats and
with I2C data generated from nominal 3·3V and 5V sources.
The I2C logic level is selected by the bi-directional port
P3/ LOGLEV. 5V logic levels are selected by connecting
P3/ LOGLEV to VCC or leaving it open circuit; 3·3V logic
levels are set by connecting P3/LOGLEV to ground. If this
port is used as an input the P3 data should be programmed
to high impedance. If used as an output only 5V logic levels
can be used, in which case the logic state imposed by the
port on the input is ignored.
Data and clock are fed in on the SDA and SCL lines
respectively as defined by I2C bus format . The synthesiser
can either accept data (write mode), or send data (read
mode). The LSB of the address byte (R/W) sets the device
into write mode if it is low, and read mode if it is high.
Tables 2 and 3 illustrate the format of the data. The device
can be programmed to respond to several addresses,
which enables the use of more than one synthesiser in an
I2C bus system. Table 4 shows how the address is selected
by applying a voltage to the address input. When the device
receives a valid address byte, it pulls the SDA line low
during the acknowledge period, and during following
acknowledge periods after further data bytes are received.
When the device is programmed into read mode, the
controller accepting the data must be pulled low during all
status byte acknowledge periods to read another status
byte. If the controller fails to pull the SDA line low during
this period, the device generates an internal STOP
condition, which inhibits further reading.


Similar Part No. - SP5769AKG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
   3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768KG ZARLINK-SP5768KG Datasheet
104Kb / 10P
   3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768MP1S ZARLINK-SP5768MP1S Datasheet
104Kb / 10P
   3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768MP1T ZARLINK-SP5768MP1T Datasheet
104Kb / 10P
   3.0 GHz Low Phase Noise Frequency Synthesiser
More results

Similar Description - SP5769AKG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
logo
Mitel Networks Corporat...
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com