Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK715V-AC Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SK715V-AC
Description  N-Channel JFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SK715V-AC Datasheet(HTML) 3 Page - ON Semiconductor

  2SK715V-AC Datasheet HTML 1Page - ON Semiconductor 2SK715V-AC Datasheet HTML 2Page - ON Semiconductor 2SK715V-AC Datasheet HTML 3Page - ON Semiconductor 2SK715V-AC Datasheet HTML 4Page - ON Semiconductor 2SK715V-AC Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SK715
www.onsemi.com
3
AmbientTemperature, Ta --
°C
PD -- Ta
Frequency, f -- Hz
NF -- f
Frequency, f -- Hz
NF -- f
020406080
100
120
140
0
150
100
50
200
300
250
350
ID=1mA
3mA
ITR00879
10
100
1k
5
1M
25
22
5 10k 25 100k 22
5
10
100
1k
5
1M
25
22
5 10k 25 100k 22
5
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
VDS=5V
Rg=1k
VDS=5V
ID=10mA
Rg=500
1k
10k
HD00877
ITR00878
10mA


Similar Part No. - 2SK715V-AC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK715 SANYO-2SK715 Datasheet
77Kb / 3P
   AM Tuner RF Amp Applications?
2SK715 SANYO-2SK715 Datasheet
487Kb / 7P
   AM Tuner, RF Amplifier Applications
2SK715W SANYO-2SK715W Datasheet
487Kb / 7P
   AM Tuner, RF Amplifi er Applications
2SK715 SANYO-2SK715_12 Datasheet
487Kb / 7P
   AM Tuner, RF Amplifier Applications
More results

Similar Description - 2SK715V-AC

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com