Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK545 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SK545
Description  N-Channel JFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SK545 Datasheet(HTML) 2 Page - ON Semiconductor

  2SK545 Datasheet HTML 1Page - ON Semiconductor 2SK545 Datasheet HTML 2Page - ON Semiconductor 2SK545 Datasheet HTML 3Page - ON Semiconductor 2SK545 Datasheet HTML 4Page - ON Semiconductor 2SK545 Datasheet HTML 5Page - ON Semiconductor 2SK545 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK545
No.1789-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDS
ID=--10μA, VDS=0V
--40
V
Gate Cutoff Current
IGSS
VGS=--20V, VDS=0V
--500
pA
Drain Current
IDSS
VDS=10V, VGS=0V
55
95
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1μA
--1.2
--4.0
V
Forward Transfer Admittance
| yfs |
VDS=10V, VGS=0V, f=1kHz
0.05
0.10
mS
Input Capacitance
Ciss
VDS=10V, VGS=0V, f=1MHz
1.7
pF
Reverse Transfer Capacitance
Crss
0.7
pF
Ordering Information
Device
Package
Shipping
memo
2SK545-11D-TB-E
CP
3,000pcs./reel
Pb Free
IT16956
ID -- VDS
0
4
8
12
16
18
2
6
10
14
20
0
10
20
30
40
100
60
80
50
70
90
VGS=0V
--0.2V
--0.4V
--0.6V
--0.8V
--1.0V
Drain-to-Source Voltage, VDS -- V
--1.2V
VGS(off) -- IDSS
yfs⏐ -- IDSS
Drain Current, IDSS -- μA
Drain Current, IDSS -- μA
70
80
90
50
60
100
1.1
1.5
1.0
1.4
0.9
1.3
1.2
VDS=10V
ID=1μA
IT16959
VDS=10V
VGS=0V
f=1kHz
100
90
60
50
80
70
0.14
0.13
0.12
0.11
0.10
0.09
0.07
0.06
0.08
IT16958
ID -- VGS
Gate-to-Source Voltage, VGS -- V
IT16957
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
30
20
10
40
50
60
70
80
90
100
VDS=10V
IDSS=75μA


Similar Part No. - 2SK545

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK545 SANYO-2SK545 Datasheet
73Kb / 3P
   Impedance Converter Applications???
2SK545 SANYO-2SK545 Datasheet
392Kb / 6P
   Impedance Converter Applications
logo
Unisonic Technologies
2SK545 UTC-2SK545 Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
2SK545G-B10-AE3-R UTC-2SK545G-B10-AE3-R Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
2SK545G-B11-AE3-R UTC-2SK545G-B11-AE3-R Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
More results

Similar Description - 2SK545

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com