Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27211 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27211
Description  UCC2721x 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27211 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27211 Datasheet HTML 6Page - Texas Instruments UCC27211 Datasheet HTML 7Page - Texas Instruments UCC27211 Datasheet HTML 8Page - Texas Instruments UCC27211 Datasheet HTML 9Page - Texas Instruments UCC27211 Datasheet HTML 10Page - Texas Instruments UCC27211 Datasheet HTML 11Page - Texas Instruments UCC27211 Datasheet HTML 12Page - Texas Instruments UCC27211 Datasheet HTML 13Page - Texas Instruments UCC27211 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
−1
0
1
2
3
4
5
6
8
12
16
20
VDD − Supply Voltage (V)
UCC27210, Rising
UCC27210, Falling
UCC27211, Rising
UCC27211, Falling
T = 25°C
G005
−1
0
1
2
3
4
5
6
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
UCC27210, Rising
UCC27210, Falling
UCC27211, Rising
UCC27211, Falling
VDD = 12V
G006
0.01
0.1
1
10
100
10
100
1000
Frequency (kHz)
CL=0pF, T=−40°C
CL=0pF, T=25°C
CL=0pF, T=140°C
CL=1000pF, T=25°C
CL=1000pF, T=140°C
CL=4700pF, T=140°C
UCC27211, VDD = 12V
G003
0.01
0.1
1
10
100
10
100
1000
Frequency (kHz)
CL=0pF, T=−40°C
CL=0pF, T=25°C
CL=0pF, T=140°C
CL=1000pF, T=25°C
CL=1000pF, T=140°C
CL=4700pF, T=140°C
UCC27210/1, VHB − VHS = 12V
G004
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
VDD = VHB − Supply Voltage (V)
UCC27210/1 IDD
UCC27210/1 IHB
T = 25°C
G001
0.01
0.1
1
10
100
10
100
1000
Frequency (kHz)
CL=0pF, T=−40°C
CL=0pF, T=25°C
CL=0pF, T=140°C
CL=1000pF, T=25°C
CL=1000pF, T=140°C
CL=4700pF, T=140°C
UCC27210, VDD = 12V
G002
UCC27210, UCC27211
SLUSAT7F – NOVEMBER 2011 – REVISED DECEMBER 2014
www.ti.com
7.10 Typical Characteristics
Figure 2. Quiescent Current vs Supply Voltage
Figure 3. UCC27210 IDD Operating Current vs Frequency
Figure 4. UCC27211 IDD Operating Current vs Frequency
Figure 5. Boot Voltage Operating Current vs Frequency (HB
to HS)
Figure 6. UCC27210 and UCC27211 Input Threshold vs
Figure 7. UCC27210 and UCC27211 Input Thresholds vs
Supply Voltage
Temperature
10
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: UCC27210 UCC27211


Similar Part No. - UCC27211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27211 TI1-UCC27211 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27211 TI1-UCC27211 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A TI1-UCC27211A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
More results

Similar Description - UCC27211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27212A-Q1 TI1-UCC27212A-Q1 Datasheet
857Kb / 29P
[Old version datasheet]   Automotive 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com