Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28226D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28226D
Description  TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28226D Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS28226D Datasheet HTML 7Page - Texas Instruments TPS28226D Datasheet HTML 8Page - Texas Instruments TPS28226D Datasheet HTML 9Page - Texas Instruments TPS28226D Datasheet HTML 10Page - Texas Instruments TPS28226D Datasheet HTML 11Page - Texas Instruments TPS28226D Datasheet HTML 12Page - Texas Instruments TPS28226D Datasheet HTML 13Page - Texas Instruments TPS28226D Datasheet HTML 14Page - Texas Instruments TPS28226D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
6
13K
2
VDD
EN/PG
BOOT
UGATE
PHASE
LGATE
GND
7
1
8
5
4
VDD
27K
3-STATE
INPUT
CIRCUIT
PWM
3
SHOOT-
THROUGH
PROTECTION
THERMAL
SD
HLD-OFF
TIME
UVLO
TPS28226
www.ti.com
SLUS791A – JULY 2007 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The TPS28226 features a 3-state PWM input compatible with all multi-phase controllers employing 3-state output
feature. As long as the input stays within 3-state window for the 250-ns hold-off time, the driver switches both
outputs low. This shutdown mode prevents a load from the reversed- output-voltage.
The other features include undervoltage lockout, thermal shutdown and two-way enable/power good signal.
Systems without 3-state featured controllers can use enable/power good input/output to hold both outputs low
during shutting down.
The TPS28226 is offered in an economical SOIC-8 and thermally enhanced low-size Dual Flat No-Lead (DFN-8)
packages. The driver is specified in the extended temperature range of –40°C to 125°C with the absolute
maximum junction temperature 150°C.
7.2 Functional Block Diagram
For the TPS28226DRB the thermal PAD on the bottom side of package must be soldered and connected to the GND
pin and to the GND plane of the PCB in the shortest possible way.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS28226


Similar Part No. - TPS28226D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226D TI-TPS28226D Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DR TI-TPS28226DR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI-TPS28226DRBR Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI-TPS28226DRBT Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28226D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com