Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5748 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP5748
Description  2.4GHz Very Low Phase Noise PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5748 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP5748 Datasheet HTML 4Page - Mitel Networks Corporation SP5748 Datasheet HTML 5Page - Mitel Networks Corporation SP5748 Datasheet HTML 6Page - Mitel Networks Corporation SP5748 Datasheet HTML 7Page - Mitel Networks Corporation SP5748 Datasheet HTML 8Page - Mitel Networks Corporation SP5748 Datasheet HTML 9Page - Mitel Networks Corporation SP5748 Datasheet HTML 10Page - Mitel Networks Corporation SP5748 Datasheet HTML 11Page - Mitel Networks Corporation SP5748 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
SP5748 Advance Information
300
30
10
1000
2400
FREQUENCY (MHz)
OPERATING
WINDOW
VIN
(mV RMS
INTO 50
Ω)
80
CONTROL
MICRO
15nF
68pF
+30V
+5V
22k
16k
47k
+12V
2n2
BCW31
1n
1n
10n
P1
TUNER
OSCILLATOR
OUTPUT
13k3
P0
CLOCK
DATA
ENABLE
Optional application utilising
on–board crystal controlled
oscillator
1
12
2
3
4
5
6
7
11
10
9
8
13
14
4MHz
18pF
2
3
39pF
REFERENCE
VCO
VCO
10nF
50 - 900MHz
38.9MHz
1650-2700MHz
2
3
10
3
1.6GHz
Figure 9 Typical input sensitivity
Figure 10 Example of double conversion from VHF/UHF frequencies to TV IF
Figure 11 Typical application SP5748
1650 -2400MHz


Similar Part No. - SP5748

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP574BA SIPEX-SP574BA Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP574BB SIPEX-SP574BB Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP574BJ SIPEX-SP574BJ Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP574BK SIPEX-SP574BK Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
More results

Similar Description - SP5748

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
   Very Low Phase Noise Option
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
   Very Rugged - Low Phase Noise
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
   Patented PLL with low phase noise
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
   Low Phase Noise PLL Clock Multiplier
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-15 PLL-PLL601-15 Datasheet
83Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-03 PLL-PLL601-03 Datasheet
85Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
Abracon Corporation
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com