Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28225TDRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28225TDRQ1
Description  TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28225TDRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS28225TDRQ1 Datasheet HTML 7Page - Texas Instruments TPS28225TDRQ1 Datasheet HTML 8Page - Texas Instruments TPS28225TDRQ1 Datasheet HTML 9Page - Texas Instruments TPS28225TDRQ1 Datasheet HTML 10Page - Texas Instruments TPS28225TDRQ1 Datasheet HTML 11Page - Texas Instruments TPS28225TDRQ1 Datasheet HTML 12Page - Texas Instruments TPS28225TDRQ1 Datasheet HTML 13Page - Texas Instruments TPS28225TDRQ1 Datasheet HTML 14Page - Texas Instruments TPS28225TDRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TPS28225-Q1
www.ti.com
SLUSAR9B – DECEMBER 2011 – REVISED APRIL 2015
8.2 Feature Description
The TPS28225-Q1 features a 3-state PWM input compatible with all multi-phase controllers employing 3-state
output feature. As long as the input stays within 3-state window for the 250-ns hold-off time, the driver switches
both outputs low. This shutdown mode prevents a load from the reversed- output-voltage.
The other features include under voltage lockout, thermal shutdown and two-way enable/power good signal.
Systems without 3-state featured controllers can use enable/power good input/output to hold both outputs low
during shutting down.
8.2.1 Under Voltage Lockout (UVLO)
The TPS28225-Q1 incorporates an under voltage lockout circuit that keeps the driver disabled and external
power FETs in an OFF state when the input supply voltage VDD is insufficient to drive external power FETs
reliably. During power up, both gate drive outputs remain low until voltage VDD reaches UVLO threshold, typically
3.5 V for the TPS28225-Q1. Once the UVLO threshold is reached, the condition of gate drive outputs is defined
by the input PWM and EN/PG signals. During power down the UVLO threshold is set lower, typically 3.0 V for
the TPS28225-Q1. The 0.5-V hysteresis is selected to prevent the driver from turning ON and OFF while the
input voltage crosses UVLO thresholds, especially with low slew rate. The TPS28225-Q1 has the ability to send
a signal back to the system controller that the input supply voltage VDD is insufficient by internally pulling down
the EN/PG pin. The TPS28225-Q1 releases EN/PG pin immediately after the VDD has risen above the UVLO
threshold.
8.2.2 Output Active Low
The output active low circuit effectively keeps the gate outputs low even if the driver is not powered up. This
prevents open gate conditions on the external power FETs and accidental turn ON when the main power stage
supply voltage is applied before the driver is powered up. For the simplicity, the output active low circuit is shown
in a block diagram as the resistor connected between LGATE and GND pins with another one connected
between UGATE and PHASE pins.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS28225-Q1


Similar Part No. - TPS28225TDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225TDRBRQ1 TI1-TPS28225TDRBRQ1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28225TDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com