Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28225-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS28225-Q1
Description  TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS28225-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS28225-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS28225-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TPS28225-Q1
SLUSAR9B – DECEMBER 2011 – REVISED APRIL 2015
www.ti.com
Table of Contents
8.2
Feature Description................................................. 11
1
FEATURES.............................................................. 1
9
Application and Implementation ........................ 19
2
APPLICATIONS ...................................................... 1
9.1
Typical Application ................................................. 19
3
Description ............................................................. 1
10
Layout................................................................... 23
4
Revision History..................................................... 2
10.1
Layout Guidelines ................................................. 23
5
Device Truth Table................................................. 2
10.2
Layout Example .................................................... 25
6
Pin Configuration and Functions ......................... 3
10.3
List of Materials ..................................................... 26
7
Specifications......................................................... 4
11
Device and Documentation Support ................. 27
7.1
Absolute Maximum Ratings ...................................... 4
11.1
Related Links ........................................................ 27
7.2
Recommended Operating Conditions ....................... 4
11.2
Documentation Support (if applicable).................. 27
7.3
Thermal Information .................................................. 4
11.3
Trademarks ........................................................... 27
7.4
Electrical Characteristics........................................... 5
11.4
Electrostatic Discharge Caution ............................ 27
7.5
Switching Characteristics .......................................... 6
11.5
Glossary ................................................................ 27
7.6
Typical Characteristics .............................................. 6
12
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 10
Information ........................................................... 28
8.1
Functional Block Diagram ....................................... 10
4 Revision History
Changes from Original (December, 2011) to Revision A
Page
Added AEC-Q100 info to Features......................................................................................................................................... 1
Added AEC-Q100 info to ESD rating in Abs Max table and changed the CDM from 500 to 750 V. ..................................... 4
Changes from Revision A (May, 2012) to Revision B
Page
Deleted all references to the TPS28226-Q1 device. .............................................................................................................. 1
Deleted Ordering info table. ................................................................................................................................................... 1
Changed description details. ................................................................................................................................................. 1
5 Device Truth Table
Table 1. Device Truth Table
VDD FALLING > 3 V AND TJ < 150°C
VDD RISING < 3.5 V
EN/PG FALLING > 1.0 V
PIN
EN/PG RISING
OR TJ > 160°C
PWM > 1.5 V AND
PWM SIGNAL SOURCE IMPEDANCE
< 1.7 V
PWM < 1 V
TRISE/TFALL < 200 ns
>40 k
Ω FOR > 250ns (3-State)(1)
LGATE
Low
Low
High
Low
Low
UGATE
Low
Low
Low
High
Low
EN/PG
Low
(1)
To exit the 3-state condition, the PWM signal should go low. One Low PWM input signal followed by one High PWM input signal is
required before re-entering the 3-state condition.
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS28225-Q1


Similar Part No. - TPS28225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com