Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2849 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2849
Description  SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2849 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2849 Datasheet HTML 2Page - Texas Instruments TPS2849 Datasheet HTML 3Page - Texas Instruments TPS2849 Datasheet HTML 4Page - Texas Instruments TPS2849 Datasheet HTML 5Page - Texas Instruments TPS2849 Datasheet HTML 6Page - Texas Instruments TPS2849 Datasheet HTML 7Page - Texas Instruments TPS2849 Datasheet HTML 8Page - Texas Instruments TPS2849 Datasheet HTML 9Page - Texas Instruments TPS2849 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS2838, TPS2839
TPS2848, TPS2849
SLVS367A − MARCH 2001 − REVISED JUNE 2001
6
www.ti.com
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
14-pin PWP with solder‡
2668
26.68 mW/
°C
1467
1067
14-pin PWP without solder‡
1024
10.24 mW/
°C
563
409
16-pin PWP with solder‡
2739
27.39 mW/
°C
1506
1095
16-pin PWP without solder‡
1108
11.08 mW/
°C
609
443
JUNCTION-CASE THERMAL RESISTANCE TABLE
14-pin PWP
Junction-case thermal resistance
2.07
°C/W
16-pin PWP
Junction-case thermal resistance
2.07
°C/W
‡ Test Board Conditions:
1. Thickness: 0.062
I
2. 3
I × 3I (for packages < 27 mm long)
3. 4
I × 4I (for packages > 27 mm long)
4. 2-oz copper traces located on the top of the board (0,071 mm thick)
5. Copper areas located on the top and bottom of the PCB for soldering
6. Power and ground planes, 1-oz copper (0,036 mm thick)
7. Thermal vias, 0,33 mm diameter, 1,5 mm pitch
8. Thermal isolation of power plane
For more information, refer to TI technical brief literature number SLMA002.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
10
15
V
Input voltage, VI BOOT to PGND
10
29
V
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 12 V, ENABLE = High, CL = 3.3 nF (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Quiescent current
V(ENABLE) = Low,
VCC = 13 V
425
µA
ICC
Quiescent current
V(ENABLE) = High,
VCC = 13 V
1
mA
NOTE 2: Ensured by design, not production tested.


Similar Part No. - TPS2849

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2849 TI-TPS2849 Datasheet
283Kb / 20P
[Old version datasheet]   SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
TPS2849PWP TI-TPS2849PWP Datasheet
283Kb / 20P
[Old version datasheet]   SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
TPS2849PWPR TI-TPS2849PWPR Datasheet
283Kb / 20P
[Old version datasheet]   SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com