Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5659 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5659
Description  2쨌7GHz I2C Bus Low Phase Noise Synthesiser
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5659 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5659 Datasheet HTML 1Page - Mitel Networks Corporation SP5659 Datasheet HTML 2Page - Mitel Networks Corporation SP5659 Datasheet HTML 3Page - Mitel Networks Corporation SP5659 Datasheet HTML 4Page - Mitel Networks Corporation SP5659 Datasheet HTML 5Page - Mitel Networks Corporation SP5659 Datasheet HTML 6Page - Mitel Networks Corporation SP5659 Datasheet HTML 7Page - Mitel Networks Corporation SP5659 Datasheet HTML 8Page - Mitel Networks Corporation SP5659 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SP5659
Supply voltage
RF input voltage
RF input DC offset
Port voltage
Total port current
ADC input DC offset
REF/COMP output DC offset
Charge pump DC offset
Drive DC offset
Crystal oscillator DC offset
Address DC offset
SDA, SCL input voltage
Storage temperature
Junction temperature
Port in off state
Port in on state
12
13,14
13, 14
7-10
7-10
7-10
11
3
1
16
2
4
5, 6
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE at 0V
Max.
Min.
7
2·5
VCC10·3
14
6
50
VCC10·3
VCC10·3
VCC10·3
VCC10·3
VCC10·3
VCC10·3
6
1
150
1
150
Value
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
55
V
V p-p
V
V
V
mA
V
V
V
V
V
V
V
°C
°C
Fig. 2 Block diagram
RF IN
ADDRESS
SDA
LOCK
DET
4
2/1
13
14
4
5
FCOMP
CHARGE
PUMP
CRYSTAL
2
OSC
78
9
10
P3
P2
P1
P0
FPD
4
16/17
4-BIT
COUNT
13-BIT
COUNT
PROGRAMMABLE DIVIDER
PREAMP
17-BIT LATCH
DIVIDE RATIO
1-BIT
COUNT
PE
PHASE
COMP
I 2C
TRANSCEIVER
SCL
6
CHARGE
PUMP
2-BIT
LATCH
FPD/2
3-BIT ADC
ADC
11
3
POWER ON
DETECT
4-BIT LATCH
AND
PORT INTERFACE
REFERENCE
DIVIDER
(SEE TABLE 1)
REF/COMP
3
2-BIT
LATCH
VCC
VEE
15
C1, C0
FL
FREF
5-BIT LATCH AND
MODE CONTROL LOGIC
(SEE TABLE 6)
DISABLE
DRIVE
16
1
MODE
CONTROL
P0 TEST
CONTROL
12
Parameter
Pin
Units
Conditions


Similar Part No. - SP5659

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAD ZARLINK-SP5654-KG-MPAD Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAS ZARLINK-SP5654-KG-MPAS Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG ZARLINK-SP5654/KG Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG/MPAD ZARLINK-SP5654/KG/MPAD Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results

Similar Description - SP5659

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com