Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5512SKGMPAS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP5512SKGMPAS
Description  1.3GHz Bidirectional I2C BUS Controlled Synthesiser
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5512SKGMPAS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP5512SKGMPAS Datasheet HTML 1Page - Mitel Networks Corporation SP5512SKGMPAS Datasheet HTML 2Page - Mitel Networks Corporation SP5512SKGMPAS Datasheet HTML 3Page - Mitel Networks Corporation SP5512SKGMPAS Datasheet HTML 4Page - Mitel Networks Corporation SP5512SKGMPAS Datasheet HTML 5Page - Mitel Networks Corporation SP5512SKGMPAS Datasheet HTML 6Page - Mitel Networks Corporation SP5512SKGMPAS Datasheet HTML 7Page - Mitel Networks Corporation SP5512SKGMPAS Datasheet HTML 8Page - Mitel Networks Corporation SP5512SKGMPAS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SP5512
FUNCTIONAL DESCRIPTION
The SP5512 is programmed from an I2C BUS. Data and
Clock are fed in on the SDA and SCL lines respectively as
defined by the I2C Bus format. The synthesiser can either
accept new data (write mode) or send data (read mode). The
Tables in Fig. 3 illustrate the format of the data. The device
can be programmed to respond to several addresses, which
enables the use of more than one synthesiser in an I2C BUS
system. Table 4 shows how the address is selected by
applying a voltage to P3. The LSB of the address byte (R/W)
sets the device into read mode if it is high and write mode if
it is low. When the SP5512 receives a correct address byte
it pulls the SDA line low during the acknowledge period and
during following acknowledge periods after further data bytes
are programmed. When the SP5512 is programmed into the
read mode the controlling device accepting the data must pull
down the SDA line during the following acknowledge period to
read another status byte.
WRITE MODE (FREQUENCY SYNTHESIS)
When the device is in the write mode Bytes 2 3 select the
synthesised frequency while Bytes 4 5 select the output port
states and charge pump information.
Once the correct address is received and acknowledged,
the first bit of the next byte determines whether that byte is
interpreted as Byte 2 or 4, a logic 0 for frequency information
and a logic 1 for charge pump and output port information.
Additional data bytes can be entered without the need to re-
address the device until an I2C stop condition is recognised.
This allows a smooth frequency sweep for fine tuning or AFC
purposes.
If the transmission of data is stopped mid-byte (e.g., by
another device on the bus) then the previously programmed
byte is maintained.
Frequency data from Bytes 2 and 3 is stored in a 15-bit shift
register and is used to control the division ratio of the 15-bit
programmable divider which is preceded by a divide-by-8
prescaler and amplifier to give excellent sensitivity at the local
oscillator input; see Fig 5. The input impedance is shown in
Fig. 7.
The programmed frequency can be calculated by multiply-
ing the programmed division ratio by 8 times the comparison
frequency FCOMP.
When frequency data is entered, the phase comparator,
via the charge pump and varactor drive amplifier, adjusts the
local oscillator control voltage until the output of the program-
mable divider is frequency and phase locked to the comparison
frequency.
The reference frequency may be generated by an external
source capacitively coupled into pin 2 or provided by an on-
chip 4MHz crystal controlled oscillator.
Note that the comparison frequency is 7·8125kHz when a
4MHz reference is used.
Bit 2 of Byte 4 of the programming data (CP) controls the
current in the charge pump circuit, a logic 1 for
170µA and
a logic 0 for
50µA, allowing compensation for the variable
tuning slope of the tuner and also to enable fast channel
changes over the full band. Bit 4 of Byte 4 (T0) disables the
charge pump if set to a logic 1. Bit 8 of Byte 4 (OS) switches
the charge pump drive amplifier’s output off when it is set to
a logic 1. Bit 3 of Byte 4 (T1) selects a test mode where the
phase comparator inputs are available on P6 and P7, a logic
1 connects FCOMP to P6 and FDIV to P7.
Byte 5 programs the output ports P2-P7, a logic 0 for a high
impedance output, logic 1 for low impedance (on).
READ MODE
When the device is in the read mode the status data read
from the device on the SDA line takes the form shown in Table
2.
Bit 1 (POR) is the power on reset indicator and is set to a
logic 1 if the power supply to the device has dropped below a
nominal 3V and the programmed information lost (e.g., when
the device is initially turned on). The POR is set to 0 when the
read sequence is terminated by a stop command. The outputs
are all set to high impedance when the device is initially
powered up. Bit 2 (FL) indicates whether the device is phase
locked, a logic 1 is present if the device is locked and a logic
0 if the device is unlocked.
Bits 3, 4 and 5 (I2, I1, I0) show the status of the I/O Ports
P7, P5 and P4 respectively. A logic 0 indicates a low level and
a logic 1 a high level. If the ports are to be used as inputs they
should be programmed to a high impedance state (logic1).
These inputs will then respond to data complying with stand-
ard TTL voltage levels. Bits 6, 7 and 8 (A2,A1,A0) combine to
give the output of the 5-level ADC.
The 5-level ADC can be used to feed AFC information to
the microprocessor from the IF section of the television, as
illustrated in Fig. 4.


Similar Part No. - SP5512SKGMPAS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510NADP MITEL-SP5510NADP Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510SNAMP MITEL-SP5510SNAMP Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
SP5511NADP ZARLINK-SP5511NADP Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
More results

Similar Description - SP5512SKGMPAS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
   2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com