Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5512 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SP5512
Description  1.3GHz Bidirectional I2C BUS Controlled Synthesiser
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5512 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SP5512 Datasheet HTML 2Page - Mitel Networks Corporation SP5512 Datasheet HTML 3Page - Mitel Networks Corporation SP5512 Datasheet HTML 4Page - Mitel Networks Corporation SP5512 Datasheet HTML 5Page - Mitel Networks Corporation SP5512 Datasheet HTML 6Page - Mitel Networks Corporation SP5512 Datasheet HTML 7Page - Mitel Networks Corporation SP5512 Datasheet HTML 8Page - Mitel Networks Corporation SP5512 Datasheet HTML 9Page - Mitel Networks Corporation SP5512 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SP5512
APPLICATION
A typical application is shown in Fig. 4. All input/output interface circuits are shown in Fig. 6.
Fig. 4 Typical application
Fig. 5 Typical input sensitivity


Similar Part No. - SP5512

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510NADP MITEL-SP5510NADP Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510SNAMP MITEL-SP5510SNAMP Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
SP5511NADP ZARLINK-SP5511NADP Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
More results

Similar Description - SP5512

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
   2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
   Bidirectional I2C Bus 4-Address Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com