Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2817-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2817-Q1
Description  Single-Channel High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2817-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2817-Q1 Datasheet HTML 1Page - Texas Instruments TPS2817-Q1 Datasheet HTML 2Page - Texas Instruments TPS2817-Q1 Datasheet HTML 3Page - Texas Instruments TPS2817-Q1 Datasheet HTML 4Page - Texas Instruments TPS2817-Q1 Datasheet HTML 5Page - Texas Instruments TPS2817-Q1 Datasheet HTML 6Page - Texas Instruments TPS2817-Q1 Datasheet HTML 7Page - Texas Instruments TPS2817-Q1 Datasheet HTML 8Page - Texas Instruments TPS2817-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS2816-Q1 , TPS2817-Q1, TPS2818-Q1
TPS2819-Q1, TPS2828-Q1, TPS2829-Q1
SPRS289B
– AUGUST 2005 – REVISED SEPTEMBER 2011
www.ti.com
TPS28xx ELECTRICAL CHARACTERISTICS (continued)
over recommended operating ambient temperature range, VCC = 10 V, VDD tied to VCC, CL = 1 nF (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC = 5 V
1
1.7
Negative-going input threshold voltage
VCC = 10 V
2
3.3
V
VCC = 14 V
2.5
4.6
Input voltage hysteresis
1.3
V
Input current, TPS2818/19/28/29
Input = 0 V or VCC
0.2
µA
Input = 0 V
650
Input current, TPS2816/17
µA
Input = VCC
15
Input capacitance(2)
5
10
pF
OUTPUTS
TPS2816, TPS2817,
TPS2818, TPS2828,
IO = –1 mA
9.75
9.9
TPS2829
High-level output voltage
TPS2819
TA = 25°C
8
9.1
V
TPS2816, TPS2817,
IO = –100 mA
TPS2818, TPS2828,
TA = –40°C to 125°C
7
9.1
TPS2829
IO = 1 mA
0.18
0.25
Low-level output voltage
V
IO = 100 mA
1
2
REGULATOR, TPS2816 THROUGH TPS2819
Output voltage
14
≤ VDD ≤ 40 V, 0 ≤ IO ≤ 20 mA
10
11.5
13
V
Output voltage in dropout
IO = 10 mA, VDD = 10 V
8
10
V
SUPPLY CURRENT
IN = high = 10 V
150
250
TPS2816, TPS2817
IN = low = 0 V
650
1000
TPS2819
IN = high or low,
TA = 25°C
25
50
Supply current into VCC
µA
High = 10 V,
TPS2818
TA = –40°C to 125°C
25
60
Low = 0 V
IN = high or low,
TPS2828, TPS2829
0.1
15
High = 10 V, Low = 0 V
TPS2816, TPS2817
650
1000
IN = high = 10 V
or low = 0 V
TPS2818
50
150
Supply current into VDD
VDD = 20 V,
µA
IN = high = 11 V
TPS2819
50
150
or low = 0 V
(2)
Not production tested. Specified by design.
4
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-Q1 TPS2817-Q1 TPS2818-Q1 TPS2819-Q1 TPS2828-Q1 TPS2829-Q1


Similar Part No. - TPS2817-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2817-Q1 TI-TPS2817-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TPS2817-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Linear Technology
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
   High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
logo
Elantec Semiconductor
EL7412C ELANTEC-EL7412C Datasheet
180Kb / 8P
   High Speed, Four Channel Power MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com