Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2818-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2818-EP
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2818-EP Datasheet(HTML) 2 Page - Texas Instruments

  TPS2818-EP Datasheet HTML 1Page - Texas Instruments TPS2818-EP Datasheet HTML 2Page - Texas Instruments TPS2818-EP Datasheet HTML 3Page - Texas Instruments TPS2818-EP Datasheet HTML 4Page - Texas Instruments TPS2818-EP Datasheet HTML 5Page - Texas Instruments TPS2818-EP Datasheet HTML 6Page - Texas Instruments TPS2818-EP Datasheet HTML 7Page - Texas Instruments TPS2818-EP Datasheet HTML 8Page - Texas Instruments TPS2818-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
TPS2816-EP, TPS2817-EP, TPS2818-EP
TPS2819-EP, TPS2828-EP, TPS2829-EP
SGDS039 – FEBRUARY 2008
A regulator is provided on TPS2816 through TPS2819 devices to allow operation with supply inputs between
14 V and 40 V. The regulator output can be used to power other circuits, provided power dissipation does not
exceed package limitations. If the regulator is not required, VDD (the regulator input) should be connected to VCC.
The TPS2816 and TPS2817 input circuits include an active pullup circuit to eliminate the need for an external
resistor when using open-collector PWM controllers. The TPS2818 and TPS2819 are identical to the TPS2816
and TPS2817, except that the active pullup circuit is omitted. The TPS2828 and TPS2829 are identical to the
TPS2818 and TPS2819, except that the internal voltage regulator is omitted, allowing quiescent current to drop
to less than 15
µA when the inputs are high or low.
The TPS28xx series devices are available in 5-pin SOT-23 (DBV) packages and operate over an ambient
temperature range of –55
°C to 125°C.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
CHIP FORM
TA
FUNCTION
SYMBOL
PACKAGE ORDER
(Y)
SOT-23-5 (DBV)(2)(3)
Inverting driver with active
TPS2816DBV(4)
TBD
TPS2816Y
TPS2816MDBVREP
pullup input
Noninverting driver with active
TPS2817DBV(4)
TBD
TPS2817Y
TPS2817MDBVREP
pullup input
–55
°C to
Inverting driver
TPS2818DBV
PMTM
TPS2818Y
TPS2818MDBVREP
125
°C
Noninverting driver
TPS2819DBV
PMUM
TPS2819Y
TPS2819MDBVREP
Inverting driver, no regulator
TPS2828DBV(4)
TBD
TPS2828Y
TPS2828MDBVREP
Noninverting driver, no
TPS2829DBV(4)
TBD
TPS2829Y
TPS2829MDBVREP
regulator
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The DBV package is available taped and reeled only.
(4)
Product Preview
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-EP TPS2817-EP TPS2818-EP TPS2819-EP TPS2828-EP TPS2829-EP


Similar Part No. - TPS2818-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2818-EP TI-TPS2818-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2818-EP TI-TPS2818-EP Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results

Similar Description - TPS2818-EP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
   High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com