Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH1P Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH1P
Description  Quadrature Downconverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH1P Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH1P Datasheet HTML 1Page - Mitel Networks Corporation MH1P Datasheet HTML 2Page - Mitel Networks Corporation MH1P Datasheet HTML 3Page - Mitel Networks Corporation MH1P Datasheet HTML 4Page - Mitel Networks Corporation MH1P Datasheet HTML 5Page - Mitel Networks Corporation MH1P Datasheet HTML 6Page - Mitel Networks Corporation MH1P Datasheet HTML 7Page - Mitel Networks Corporation MH1P Datasheet HTML 8Page - Mitel Networks Corporation MH1P Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
SL1714
QUICK REFERENCE DATA
Characteristic
Value
Units
Input noise figure, DSB
17
dB
Maximum conversion gain
48
dB
Minimum conversion gain
28
dB
IP3
2T
output referred
+8
dBV
Output clip voltage
1.5
V
Gain match up to 30MHz
± 0.5
dB
Phase match up to 15MHz
± 1
deg
Phase match up to 30MHz
± 1.5
deg
Gain flatness up to 30MHz
± 0.5
dB
VCO phase noise, SSB @ 10kHz offset
- 96
dBc/Hz
Prescaler division ratio
32
Prescaler output swing
1.6
Vp-p
Fig. 2 SL1714 block diagram
AGC
IFIN
VCODIS
VCO
AGC
AGC
÷32
LO
0 deg
90 deg
Quadrature
generator
PSCALB
PSCAL
Q OUT
I OUT
IFINB
VCO


Similar Part No. - MH1P

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH1P MITEL-MH1P Datasheet
566Kb / 20P
   Quadrature Downconverter
More results

Similar Description - MH1P

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
   Quadrature Downconverter
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
   Quadrature Downconverter
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
[Old version datasheet]   RF DOWNCONVERTER
logo
Intersil Corporation
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
   Programmable Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com