Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1710 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SL1710
Description  Quadrature Downconverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1710 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SL1710 Datasheet HTML 2Page - Mitel Networks Corporation SL1710 Datasheet HTML 3Page - Mitel Networks Corporation SL1710 Datasheet HTML 4Page - Mitel Networks Corporation SL1710 Datasheet HTML 5Page - Mitel Networks Corporation SL1710 Datasheet HTML 6Page - Mitel Networks Corporation SL1710 Datasheet HTML 7Page - Mitel Networks Corporation SL1710 Datasheet HTML 8Page - Mitel Networks Corporation SL1710 Datasheet HTML 9Page - Mitel Networks Corporation SL1710 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
SL1710
I & Q OUTPUTS
The I and Q output stages of the SL1710 are sensitive to the
loads connected to them. To avoid degrading the output
signals resistive loads connected to these pins should always
be 1K
Ω or greater with a parallel capacitance of 15pF or less
For evaluation purposes this makes the output unsuitable
for connection to test equipment via normal coaxial cables. To
alleviate this problem the application board is fitted with
emitter follower buffer amplifiers which allow the connection of
loads as low as 50
Ω via coaxial cables without loading the
output stages of the SL1710. These buffer amplifiers can be
either connected in circuit, or bypassed by changing the
position of Links 1 and 2.
This technique may be used in a real application where the
SL1710 is used to drive and ADC via an anti-alias filter. Great
care must be taken to ensure that the loading conditions
stated above are not exceeded when designing the anti-alias
filter section. Use of an emitter follower buffer is the easiest
way to alleviate this constraint.
With the AGC voltage adjusted to 2.5 Volts apply an input
signal to the IF IN (pin 5) and monitor the Base Band output
level at the I and Q outputs. Adjust the RF input level until an
output level of 760mV pk-pk is achieved. For best
performance this level should not exceeded.
15pF
PRESCALER
OUTPUT
Vcc 2
2K
Fig.5 Maximum prescaler output load


Similar Part No. - SL1710

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
   Quadrature Downconverter
SL1711B MITEL-SL1711B Datasheet
566Kb / 20P
   Quadrature Downconverter
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
   Quadrature Downconverter
SL1714C MITEL-SL1714C Datasheet
522Kb / 20P
   Quadrature Downconverter
logo
Laird Tech Smart Techno...
SL17182P LSTD-SL17182P Datasheet
908Kb / 1P
   Neutral color and low silhouette
More results

Similar Description - SL1710

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
   Quadrature Downconverter
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
   Quadrature Downconverter
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
[Old version datasheet]   RF DOWNCONVERTER
logo
Intersil Corporation
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
   Programmable Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com