Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA828 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SA828
Description  Three-Phase PWM Waveform Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SA828 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SA828 Datasheet HTML 1Page - Mitel Networks Corporation SA828 Datasheet HTML 2Page - Mitel Networks Corporation SA828 Datasheet HTML 3Page - Mitel Networks Corporation SA828 Datasheet HTML 4Page - Mitel Networks Corporation SA828 Datasheet HTML 5Page - Mitel Networks Corporation SA828 Datasheet HTML 6Page - Mitel Networks Corporation SA828 Datasheet HTML 7Page - Mitel Networks Corporation SA828 Datasheet HTML 8Page - Mitel Networks Corporation SA828 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SA828
Fig. 2 SA828 internal block diagram
PULSE
DELETION
PULSE
DELAY
CIRCUIT
RPHT
RPHB
PULSE
DELETION
PULSE
DELAY
CIRCUIT
YPHT
YPHB
PULSE
DELETION
PULSE
DELAY
CIRCUIT
BPHT
BPHB
RED PHASE
YELLOW PHASE
BLUE PHASE
PHASING
AND
CONTROL
LOGIC
WAVEFORM
ROM
TRIP
LATCH
ADDRESS
GENERATOR
24-BIT
INITIALISATION
REGISTER
24-BIT
CONTROL
REGISTER
R0
R1
R2
R3
R4
BUS
DEMULTIPLEXER
BUS
CONTROL
CLOCK
DIVIDER
RST
MOTEL
INTERFACE
SYSTEM
BUS
AD0-AD7
8
SET
TRIP
TRIP
CS
CLOCK
ZPP
O/Ps WSS
FUNCTIONAL DESCRIPTION
An asynchronous method of PWM generation is used with
uniform or ‘double-edged’ regular sampling of the waveform
stored in the internal ROM as illustrated in Fig. 3.
The triangle carrier wave frequency is selectable up to 24kHz
(assuming the maximum clock frequency of 12.5MHz is used),
enabling ultrasonic operation for noise critical applications. With
12.5MHz clock, power frequency ranges of up to 4kHz are
possible, with the actual output frequency resolved to 12-bit
accuracy within the chosen range in order to give precise motor
speed control and smooth frequency changing. The output phase
sequence of the PWM outputs can also be changed to allow both
forward and reverse motor operation.
PWM output pulses can be ‘tailored’ to the inverter
characteristics by defining the minimum allowable pulse width
(the SA828 will delete all shorter pulses from the ‘pure’ PWM pulse
train) and the pulse delay (underlap) time, without the need for
external circuitry. This gives cost advantages in both component
savings and in allowing the same PWM circuitry to be used for
control of a number of different motor drive circuits simply by
changing the microprocessor software.
Power frequency amplitude control is also provided with an
overmodulationoptiontoassistinrapidmotorbraking.Alternatively,
braking may be implemented by setting the rotational speed to
0Hz. This is termed ‘DC injection braking’, in which the rotation of
the motor is opposed by allowing DC to flow in the windings.
AtripinputallowsthePWMoutputstobeshutdownimmediately,
overriding the microprocessor control in the event of an emergency.
The Waveform Sampling Synchronisation (WSS) output may
be used in conjunction with the ZPP signals to provide feedback
of the actual rotational speed from the rotor. This is of particular
use in slip compensated systems.
Other possible SA828 applications are as a 3-phase waveform
generator as part of a switched-mode power supply (SMPS) or of
an uninterruptible power supply (UPS). In such applications the
high carrier frequency allows a very small switching transformer
to be used.
MICROPROCESSOR INTERFACE
The SA828 interfaces to the controlling microprocessor by
means of a multiplexed bus of the MOTEL format. This interface
bus has the ability to adapt itself automatically to the format and
timingofbothMOTorolaandIntELinterfacebuses(henceMOTEL).
Internally, the detection circuitry latches the status of the DS/RD
line when AS/ALE goes high. If the result is high then the Intel
mode is used; if the result is low then the Motorola mode is used.
This procedure is carried out each time that AS/ALE goes high. In
practice this mode selection is transparent to the user. For bus
connection and timing information refer to the description relevant
to the microprocessor/controller being used.
Industry standard microprocessors such as the 8085, 8088,
etc. and microcontrollers such as the 8051, 8052 and 6805 are all
compatible with the interface on the SA828. This interface consists
of 8 data lines, AD0 - AD7 (write-only in this instance), which are
multiplexed to carry both the address and data information, 3 bus
control lines, labelled WR,RD and ALE in Intel mode and R/W, DS
and AS in Motorola mode, and a Chip Select input, CS, which
allows the SA828 to share the same bus as other microprocessor
peripherals. It should be noted that all bus timings are derived from
the microprocessor and are independent of the SA828 clock
input.


Similar Part No. - SA828

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SA82526 SIEMENS-SA82526 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
Bourns Electronic Solut...
SA82CB0 BOURNS-SA82CB0 Datasheet
963Kb / 9P
   Breaker (Surface Mount Thermal Cutoff Device)
SA82SB0 BOURNS-SA82SB0 Datasheet
576Kb / 7P
   Breaker (Surface Mount Thermal Cutoff Device)
SA82SB0 BOURNS-SA82SB0 Datasheet
963Kb / 9P
   Breaker (Surface Mount Thermal Cutoff Device)
More results

Similar Description - SA828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA828 ETC1-MA828 Datasheet
367Kb / 16P
   THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
MA818 ETC1-MA818 Datasheet
374Kb / 16P
   THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Zarlink Semiconductor I...
MA838 ZARLINK-MA838 Datasheet
314Kb / 13P
   SINGLE PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com