Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16350 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # PDSP16350
Description  I/Q Splitter/NCO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16350 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button PDSP16350 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PDSP16350
8
Modulated Frequency
The output frequency can be modulated very simply, see
Fig 8. Since the phase increment value can be loaded as a
complete word every cycle, there is no need to provide internal
double buffering to prevent spurious frequencies being gener-
ated during the load operation. Binary Frequency Shift Keyed
(BFSK) modulation can easily be implemented by externally
multiplexing between two phase increment values represent-
ing the two frequencies to be used. The value to be used can
be instantaneously changed, thus maintaining phase coher-
ence, whilst the bit to be transmitted changes from a mark to
a space. Frequency hopping could also be simply effected by
clocking a new random number into the DIN port once every
thousand cycles, for instance. The output will reflect any
change in the frequency after 31 system clock cycles.
If the phase increment value on the DIN port is changed on
each clock cycle, then the output frequency will change
without introducing any dis-
continuities. Thus, a linear
frequency sweep can be
achieved by incrementing the
value on the DIN port by a
fixed amount each cycle. Al-
ternatively, a logarithmic
sweep could be implemented
by ‘walking’ a one across the
DIN port. Shifting the input
one place to the left every
hundred cycles, for example,
would double the frequency
every time.
Chirp generation for FM -
CW Radar systems is a typi-
cal example of the need for
linear frequency sweeps. This
application requires the gen-
eration of quadrature chirp
waveforms and is illustrated
in simplified form by Fig. 7.
One waveform is needed for
Fig. 8 Frequency Modulation Timing Diagram
16 bit
Cordic
Sin / Cos
Generator
Gain
Compensate
ROM
D17:0
D33:18
PDSP
16350
D/A
D/A
SIN
COS
SWEEP
GENERATOR
the transmitter, and the other for the receiver. The phase
increment value is supplied by the counter block which simply
increments at a rate determined by dividing down the time
base clock. The synthesised frequency thus increases during
the sweep period.
A number of the more significant phase increment bits are
used to supply the addresses to a PROM. The output of this
PROM is used to amplitude modulate the sine and cosine
waveforms. In this manner it is possible to compensate, at the
source, for any poor frequency versus gain characteristics of
analog circuits further along in the system.
The digital outputs directly drive two D/A converters. Once
in the analog world, it is necessary to remove the alias
frequencies with low pass filters. The phase linearity and pass
band ripple characteristics of these filters are very important,
if the correct phase relationships are to be maintained be-
tween the two waveforms.
Fig. 7 Quadrature Chirp Generator
1
2
3
4
5
CLK
RESET
DATA IN
RESULT
30
31
32
33
34
35
A
B
A
B
Device Reset
Apply First Data
First Result Available
C
D
JUMP
MODE
C
D


Similar Part No. - PDSP16350

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16350 ZARLINK-PDSP16350 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
PDSP16350 ZARLINK-PDSP16350 Datasheet
205Kb / 25P
   Programmable FIR Filter
PDSP16350 ZARLINK-PDSP16350 Datasheet
98Kb / 7P
   Pythagoras Processor
PDSP16350 ZARLINK-PDSP16350 Datasheet
89Kb / 8P
   Pythagoras Processor
PDSP16350 ZARLINK-PDSP16350 Datasheet
181Kb / 23P
   Stand Alone FFT Processor
More results

Similar Description - PDSP16350

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16350 ZARLINK-PDSP16350 Datasheet
259Kb / 13P
   I/Q Splitter/NCO
logo
Mitel Networks Corporat...
PDSP16350 MITEL-PDSP16350_96 Datasheet
121Kb / 12P
   I/Q Splitter/NCO
logo
Merrimac Industries, In...
IQF-4F-1500 MERRIMAC-IQF-4F-1500 Datasheet
89Kb / 1P
   I&Q NETWORK
IQF-20F-1200B MERRIMAC-IQF-20F-1200B Datasheet
234Kb / 1P
   I&Q NETWORKS
IQP-4R-10B MERRIMAC-IQP-4R-10B Datasheet
84Kb / 1P
   I&Q NETWORKS
IQF-20L-3B MERRIMAC-IQF-20L-3B Datasheet
44Kb / 1P
   I&Q NETWORKS
IQG-20E-20B MERRIMAC-IQG-20E-20B Datasheet
107Kb / 1P
   I&Q NETWORKS
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
   I&Q MODULATOR
IQF-20E-160SQ MERRIMAC-IQF-20E-160SQ Datasheet
487Kb / 1P
   I&Q NETWORK
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
   I&Q MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com