Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP1601-MC Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # PDSP1601-MC
Description  ALU and Barrel Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP1601-MC Datasheet(HTML) 1 Page - Mitel Networks Corporation

  PDSP1601-MC Datasheet HTML 1Page - Mitel Networks Corporation PDSP1601-MC Datasheet HTML 2Page - Mitel Networks Corporation PDSP1601-MC Datasheet HTML 3Page - Mitel Networks Corporation PDSP1601-MC Datasheet HTML 4Page - Mitel Networks Corporation PDSP1601-MC Datasheet HTML 5Page - Mitel Networks Corporation PDSP1601-MC Datasheet HTML 6Page - Mitel Networks Corporation PDSP1601-MC Datasheet HTML 7Page - Mitel Networks Corporation PDSP1601-MC Datasheet HTML 8Page - Mitel Networks Corporation PDSP1601-MC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PDSP1601 MC
1
The PDSP1601 is a high performance 16-bit arithmetic
logic unit with an independent on-chip 16-bit barrel shifter.
The PDSP1601 supports Multicycle multiprecision
operation. This allows a single device to operate at 10MHz for
16-bit-bit-fields, 5MHz for 32-bit fields and 2.5MHz for 64-bit
fields. The PDSP1601 can also be cascaded to produce wider
words at the 10MHz rate using the Carry Out and Carry In pins.
The Barrel Shifter is capable of extension, for example the
PDSP1601 can used to select a 16-bit field from a 32-bit input
in 100ns.
Function
A7
A6
A5
A4
A3
A2
A1
A0
CEA
MSC
IS0
IS1
IS2
IS3
SV0
SV1
SV2
SV3
SVOE
RS0
RS1
Function
B7
B6
B5
B4
B3
B2
B1
B0
CEB
CLK
GND
MSA0
MSA1
A15
A14
A13
A12
A11
A10
A9
A8
GC pin
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
Function
VCC
CO
RA0
RA1
RA2
CI
IA0
IA1
IA2
IA3
IA4
MSB
MSS
B15
B14
B13
B12
B11
B10
B9
B8
GC pin
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
Function
VCC
RS2
C0
C1
C2
C3
C4
C5
C6
C7
GND
C8
C9
C10
C11
C12
C13
C14
C15
OE
BFP
GC pin
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
GC pin
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
FEATURES
s
16-bit, 32 instruction 10MHz ALU
s
16-bit, 10MHz Logical, Arithmetic or Barrel Shifter
s
Independent ALU and Shifter Operation
s
4 x 16-bit On Chip Scratchpad Registers
s
Multiprecision Operation; e.g. 200ns 64-bit
Accumulate
s
Three Port Structure with Three Internal Feedback
Paths Elimates I/O Bottlenecks
s
300mW Maximum Power Dissipation
s
100-pin Ceramic Quad Flatpack
APPLICATIONS
s
Digital Signal Processing
s
Array Processing
s
Graphics
s
Database Addressing
s
High Speed Arithmetic Processors
Rev
A
B
C
D
Date
MAR 1993 NOV 1998
NOTE
Polyimide is used as an inter-layer dielectric and glassivation.
Fig.1 Pin connections
PDSP1601 MC
ALU and Barrel Shifter
Supersedes April 1993 version, DS3763 - 1.1
DS3763 - 2.1 November 1998
GC100
ORDERING INFORMATION
PDSP1601/MC/GC1R
(Ceramic QFP Package -
MIL STD 883 Class B
Screening)


Similar Part No. - PDSP1601-MC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
   ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
PDSP1601 ZARLINK-PDSP1601 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP1601 ZARLINK-PDSP1601 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
PDSP1601 ZARLINK-PDSP1601 Datasheet
91Kb / 7P
   Complex Accumulator
More results

Similar Description - PDSP1601-MC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
   ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601_98 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP1601MC ZARLINK-PDSP1601MC Datasheet
111Kb / 16P
   ALU and Barrel Shifter
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601_96 Datasheet
171Kb / 18P
   ALU and Barrel Shifter
logo
LOGIC Devices Incorpora...
LSH32 LODEV-LSH32 Datasheet
202Kb / 9P
   32-bit Cascadable Barrel Shifter
LSH33 LODEV-LSH33 Datasheet
218Kb / 8P
   32-bit Barrel Shifter with Registers
logo
HAMLIN Position and Mov...
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
309Kb / 18P
   Automotive Contact Monitor and Level Shifter
Rev 0; 4/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com