Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIT3045CHM3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VIT3045CHM3
Description  Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VIT3045CHM3 Datasheet(HTML) 4 Page - Vishay Siliconix

  VIT3045CHM3 Datasheet HTML 1Page - Vishay Siliconix VIT3045CHM3 Datasheet HTML 2Page - Vishay Siliconix VIT3045CHM3 Datasheet HTML 3Page - Vishay Siliconix VIT3045CHM3 Datasheet HTML 4Page - Vishay Siliconix VIT3045CHM3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VT3045C-M3, VIT3045C-M3, VT3045CHM3, VIT3045CHM3
www.vishay.com
Vishay General Semiconductor
Revision: 21-Nov-13
4
Document Number: 89350
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
TO-262AA
0.401 (10.19)
0.381 (9.68)
0.185 (4.70)
0.175 (4.44)
0.055 (1.40)
0.045 (1.14)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
K
12
3
0.055 (1.40)
0.047 (1.19)
0.510 (12.95)
0.470 (11.94)
PIN
0.411 (10.45) MAX.
0.250 (6.35) MIN.
30° (TYP.)
(REF.)
0.035 (0.90)
0.028 (0.70)
0.205 (5.20)
0.195 (4.95)
0.104 (2.65)
0.096 (2.45)
0.057 (1.45)
0.045 (1.14)
0.160 (4.06)
0.140 (3.56)
0.950 (24.13)
0.920 (23.37)


Similar Part No. - VIT3045CHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VIT3045CHM3 VISHAY-VIT3045CHM3 Datasheet
139Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
More results

Similar Description - VIT3045CHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2045C-M3 VISHAY-VT2045C-M3 Datasheet
131Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 21-Nov-13
V10D45C VISHAY-V10D45C Datasheet
123Kb / 6P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VT3045C VISHAY-VT3045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VT4045C VISHAY-VT4045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VT6045C VISHAY-VT6045C Datasheet
125Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 30-Nov-10
VFT4045C-M3 VISHAY-VFT4045C-M3 Datasheet
85Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 22-Nov-13
V60D45C VISHAY-V60D45C_15 Datasheet
120Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
VBT1045C-M3 VISHAY-VBT1045C-M3_15 Datasheet
82Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 30-Apr-13
VE3045C-E3 VISHAY-VE3045C-E3_15 Datasheet
113Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Dec-13
V30D45C VISHAY-V30D45C_15 Datasheet
119Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
VBT1045C-E3 VISHAY-VBT1045C-E3_15 Datasheet
81Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com