Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NWK954 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # NWK954
Description  QUAD FAST ETHERNET REPEATER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NWK954 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button NWK954 Datasheet HTML 5Page - Mitel Networks Corporation NWK954 Datasheet HTML 6Page - Mitel Networks Corporation NWK954 Datasheet HTML 7Page - Mitel Networks Corporation NWK954 Datasheet HTML 8Page - Mitel Networks Corporation NWK954 Datasheet HTML 9Page - Mitel Networks Corporation NWK954 Datasheet HTML 10Page - Mitel Networks Corporation NWK954 Datasheet HTML 11Page - Mitel Networks Corporation NWK954 Datasheet HTML 12Page - Mitel Networks Corporation NWK954 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NWK954
9
PIN DESCRIPTIONS
Active low signals are denoted by the _N suffix; all other signals are active high
Network Interface
Signal
P0_RXIP
P0_RXIN
P0_TXOP
P0_TXON
P0_TXREF
P1_RXIP
P1_RXIN
P1_TXOP
P1_TXON
P1_TXREF
P2_RXIP
P2_RXIN
P2_TXOP
P2_TXON
P2_TXREF
P3_RXIP
P3_RXIN
P3_TXOP
P3_TXON
P3_TXREF
Description
(1) Differential receive signal from port 0 magnetics
(2) Differential receive signal from port 0 magnetics
(1) Differential transmit signal to port 0 magnetics
(2) Differential transmit signal to port 0 magnetics
Port 0 transmitter current setting pin, grounded externally
(1) Differential receive signal from port 1 magnetics
(2) Differential receive signal from port 1 magnetics
(1) Differential transmit signal to port 1 magnetics
(2) Differential transmit signal to port 1 magnetics
Port 1 transmitter current setting pin, grounded extemally
(1) Differential receive signal from port 2 magnetics
(2) Differential receive signal from port 2 magnetics
(1) Differential transmit signal to port 2 magnetics
(2) Differential transmit signal to port 2 magnetics
Port 2 transmitter current setting pin, grounded extemally
(1) Differential receive signal from port 3 magnetics
(2) Differential receive signal from port 3 magnetics
(1) Differential transmit signal to port 3 magnetics
(2) Differential transmit signal to port 3 magnetics
Port 3 transmitter current setting pin, grounded extemally
Table 4
Expansion Port
Signal
IRD4
IRD3
IRD2
IRD1
IRD0
LACTOUT_N
LACTIN_N5
LACTIN_N4
LACTIN_N3
LACTIN_N2
LACTIN_N1
BPACTOUT_N
Description
Inter-repeater data. Transfers 5-bit symbol data between
NWK954s on the local expansion bus, and to/from the
backplane drivers. Transfers are synchronous to BPCLK.Require
external pull-ups for correct operation.
Local activity output. Indicates receive activity in this
NWK954. Connects to all other NWK954s on the local
expansion bus. Output changes asynchronously.
Local activity inputs. One input from each NWK954 on
the local expansion bus to indicate receive activity. Unused
inputs must be pulled high or connected directly to
DIGVDD. Inputs are sampled on on the rising edge of TXCLKIN.
Backplane activity output. Indicates receive activity on
any of the NWK954s on the local expansion bus. Drives
the backplane through an external driver. Only one of the
local NWK954s is required to drive this signal, the others
should be left unconnected. Output changes asynchronously.
Type
Analog input
Analog input
Analog output
Analog output
Analog output
Analog input
Analog input
Analog output
Analog output
Analog output
Analog input
Analog input
Analog output
Analog output
Analog output
Analog input
Analog input
Analog output
Analog output
Analog output
Pin no.
24
23
31
30
27
41
42
34
35
38
56
55
63
62
59
73
74
66
67
70
Type
High drive open
drain digital
output and digital
input with pull-up
High drive digital
output
Digital input,
no pull-up
Standard digital
output
Pin no.
1
128
127
98
97
2
10
9
8
7
6
105
Table 5
Continues…


Similar Part No. - NWK954

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NWK914B ZARLINK-NWK914B Datasheet
159Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
logo
Mitel Networks Corporat...
NWK914CG MITEL-NWK914CG Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
NWK914D MITEL-NWK914D Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
logo
Zarlink Semiconductor I...
NWK914D ZARLINK-NWK914D Datasheet
159Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
NWK914DCG ZARLINK-NWK914DCG Datasheet
159Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
More results

Similar Description - NWK954

ManufacturerPart #DatasheetDescription
logo
Level One
LXT915 LVL1-LXT915 Datasheet
690Kb / 20P
   Simple Quad Ethernet Repeater
LXT914 LVL1-LXT914 Datasheet
2Mb / 30P
   Flexible Quad Ethernet Repeater
logo
Intel Corporation
NLXT914PE-B3 INTEL-NLXT914PE-B3 Datasheet
959Kb / 45P
   Intel짰 LXT914 Flexible Quad Ethernet Repeater
EGLXT915QC INTEL-EGLXT915QC Datasheet
491Kb / 32P
   Intel LXT915 Simple Quad Ethernet Repeater
LXT975 INTEL-LXT975 Datasheet
1Mb / 74P
   Fast Ethernet 10/100 Quad Transceivers
logo
Maxim Integrated Produc...
DS33Z44 MAXIM-DS33Z44_V01 Datasheet
1Mb / 100P
   Quad Ethernet Mapper
REV: 122006
DS33Z44 MAXIM-DS33Z44 Datasheet
1Mb / 181P
   Quad Ethernet Mapper
REV: 120304
logo
National Semiconductor ...
DP83959 NSC-DP83959 Datasheet
283Kb / 38P
   8-Port Lite Ethernet Repeater Interface Controller
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
   2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com