Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I2779AG-08-TT Datasheet(PDF) 4 Page - ON Semiconductor

Part # I2779AG-08-TT
Description  Low-Cost Notebook EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2779AG-08-TT Datasheet(HTML) 4 Page - ON Semiconductor

  I2779AG-08-TT Datasheet HTML 1Page - ON Semiconductor I2779AG-08-TT Datasheet HTML 2Page - ON Semiconductor I2779AG-08-TT Datasheet HTML 3Page - ON Semiconductor I2779AG-08-TT Datasheet HTML 4Page - ON Semiconductor I2779AG-08-TT Datasheet HTML 5Page - ON Semiconductor I2779AG-08-TT Datasheet HTML 6Page - ON Semiconductor I2779AG-08-TT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P2779A
http://onsemi.com
4
Table 4. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS − 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
60
mA
IIH
Input high current
0
mA
IXOL
XOUT output low current (at 0.4 V, VDD = 3.3 V)
10
mA
IXOH
XOUT output high current (at 2.5 V, VDD = 3.3 V)
10
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 20 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
V
IDD
Static supply current
3
mA
ICC
Dynamic supply current (3.3 V, 25 pF loading, 32 MHz)
12
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power−up time (first locked cycle after power up)
7
mS
ZOUT
Clock output impedance
28
W
Table 5. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
20
38
MHz
fOUT
Output frequency
20
38
MHz
tLH (Note 3)
Output rise time (measured at 0.8 V to 2.0 V)
1
nS
tHL (Note 3)
Output fall time (measured at 2.0 V to 0.8 V)
1
nS
tJC
Jitter (Cycle−to−cycle)
±175
pS
tD
Output duty cycle
45
50
55
%
3. tLH and tHL are measured into a capacitive load of 15 pF.
Static Discharge Voltage (As per JEDEC STD22− A114−B)


Similar Part No. - I2779AG-08-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I2779AG-08-TT PULSECORE-I2779AG-08-TT Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
More results

Similar Description - I2779AG-08-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2779A ALSC-P2779A Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
PulseCore Semiconductor
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
   Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
P1708C ALSC-P1708C Datasheet
482Kb / 10P
   Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
   Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
P1707A ALSC-P1707A Datasheet
209Kb / 10P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com