Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT93L16 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT93L16
Description  CMOS Low-Voltage Acoustic Echo Canceller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT93L16 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT93L16 Datasheet HTML 1Page - Mitel Networks Corporation MT93L16 Datasheet HTML 2Page - Mitel Networks Corporation MT93L16 Datasheet HTML 3Page - Mitel Networks Corporation MT93L16 Datasheet HTML 4Page - Mitel Networks Corporation MT93L16 Datasheet HTML 5Page - Mitel Networks Corporation MT93L16 Datasheet HTML 6Page - Mitel Networks Corporation MT93L16 Datasheet HTML 7Page - Mitel Networks Corporation MT93L16 Datasheet HTML 8Page - Mitel Networks Corporation MT93L16 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Preliminary Information
MT93L16
5
Howling Detector (HWLD) 4
(4. Patent Pending)
The Howling detector is part of an Anti-Howling
control, designed to prevent oscillation as a result of
positive feedback in the audio paths.
The HWLD can be disabled by setting the AH- bit to
1 in the (MC) control register.
Offset Null Filter
To ensure robust performance of the adaptive filters
at all times, any DC offset that may be present on
either the Rin signal or the Sin signal, is removed by
highpass
filters.
These
filters
have
a
corner
frequency placed at 40Hz.
The offset null filters can be disabled by setting the
HPF- bit to 1 in the LEC or AEC control registers.
Limiters
To prevent clipping in the echo paths, two limiters
with variable thresholds are provided at the outputs.
The Rout limiter threshold is in Rout Limiter Register
1 and 2. The Sout limiter threshold is in Sout Limiter
Register. Both output limiters are always enabled.
User Gain
The user gain function provides the ability for users
to adjust the audio gain in the receive path (speaker
path). This gain is adjustable from -24dB to +21dB in
3dB steps. It is important to use ONLY this user gain
function to adjust the speaker volume. The user gain
function in the MT93L16 is optimally placed between
the two echo cancellers such that no reconvergence
is necessary after gain changes.
The gain can be accessed through Receive Gain
Control Register.
AGC
The AGC function is provided to limit the volume in
the speaker path. The gain of the speaker path is
automatically
reduced
during
the
following
conditions:
When clipping of the receive signal occurs.
When initial convergence of the acoustic echo
canceller detects unusually large echo return.
When howling is detected.
The AGC can be disabled by setting the AGC- bit to
1 in MC control register.
Mute Function
A pcm mute function is provided for independent
control of the Receive and Send audio paths. Setting
the MUTE_R or MUTE_S bit in the MC register,
causes quiet code to be transmitted on the Rout or
Sout paths respectively.
Quiet code is defined according to the following
table.
Bypass Control
A
PCM
bypass
function
is
provided
to
allow
transparent transmission of pcm data through the
MT93L16. When the bypass function is active, pcm
data passes transparently from Rin to Rout and from
Sin to Sout, with bit-wise integrity preserved.
When the Bypass function is selected, most internal
functions are powered down to provide low power
consumption.
The BYPASS control bit is located in the main control
MC register.
Adaptation Enable/Disable
Adaptation control bits are located in the AEC and
LEC control registers. When the ADAPT- bit is set to
1, the adaptive filter is frozen at the current state. In
this state, the device continues to cancel echo with
the current echo model.
When the ADAPT- bit is set to 0, the adaptive filter is
continually updated. This allows the echo canceller
to adapt and track changes in the echo path. This is
the normal operating state.
MT93L16 Throughput Delay
In all modes, voice channels always have 2 frames of
delay. In ST-BUS/GCI operation, the D and C
channels have a delay of one frame.
LINEAR
16 bits
2’s
complement
SIGN/
MAGNITUDE
µ-Law
A-Law
CCITT (G.711)
µ-Law
A-Law
+Zero
(quiet code)
0000h
80h
FFh
D5h
Table 1 - Quiet PCM Code Assignment


Similar Part No. - MT93L16

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT93L16 ZARLINK-MT93L16 Datasheet
578Kb / 51P
   Digital Echo Canceller for Hands Free Communication
MT93L16 ZARLINK-MT93L16 Datasheet
230Kb / 7P
   AEC with Noise Reduction & Codecs for Digital Hands-Free Communication
More results

Similar Description - MT93L16

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9315 ZARLINK-MT9315 Datasheet
354Kb / 30P
   CMOS Acoustic Echo Canceller
ZL38002 ZARLINK-ZL38002 Datasheet
440Kb / 47P
   Low-Voltage Acoustic Echo Canceller With Noise Reduction
ZL38001 ZARLINK-ZL38001 Datasheet
668Kb / 47P
   Low-Voltage Acoustic Echo Canceller with Low ERL Compensation
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
   CMOS Dual Voice Echo Canceller
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com