Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTSV20H120ECTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTSV20H120ECTG
Description  Low Leakage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSV20H120ECTG Datasheet(HTML) 5 Page - ON Semiconductor

  NTSV20H120ECTG Datasheet HTML 1Page - ON Semiconductor NTSV20H120ECTG Datasheet HTML 2Page - ON Semiconductor NTSV20H120ECTG Datasheet HTML 3Page - ON Semiconductor NTSV20H120ECTG Datasheet HTML 4Page - ON Semiconductor NTSV20H120ECTG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTSV20H120ECT
www.onsemi.com
5
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AH
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.415
9.66
10.53
C
0.160
0.190
4.07
4.83
D
0.025
0.038
0.64
0.96
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.161
2.80
4.10
J
0.014
0.024
0.36
0.61
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 6:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NTSV20H120ECT/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTSV20H120ECTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSV20H120CT ONSEMI-NTSV20H120CT Datasheet
108Kb / 5P
   Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTSV20H120CTG ONSEMI-NTSV20H120CTG Datasheet
108Kb / 5P
   Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
More results

Similar Description - NTSV20H120ECTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
NRVTSA4100E ONSEMI-NRVTSA4100E Datasheet
63Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS5100 ONSEMI-NTSS5100 Datasheet
115Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
NTST40H120ECTG ONSEMI-NTST40H120ECTG Datasheet
67Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
July, 2015 ??Rev. 1
NTS1545EMFS ONSEMI-NTS1545EMFS Datasheet
68Kb / 5P
   Exceptionally Low Leakage Trench-based Schottky Rectifier
July, 2014 ??Rev. 0
NRVTS8120EMFS ONSEMI-NRVTS8120EMFS Datasheet
63Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
July, 2016 ??Rev. 0
NTS12120EMFS ONSEMI-NTS12120EMFS Datasheet
111Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
March, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com