Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS40200LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSS40200LT1G
Description  PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40200LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NSS40200LT1G Datasheet HTML 1Page - ON Semiconductor NSS40200LT1G Datasheet HTML 2Page - ON Semiconductor NSS40200LT1G Datasheet HTML 3Page - ON Semiconductor NSS40200LT1G Datasheet HTML 4Page - ON Semiconductor NSS40200LT1G Datasheet HTML 5Page - ON Semiconductor NSS40200LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NSS40200L, NSV40200L
www.onsemi.com
5
TYPICAL CHARACTERISTICS
10 ms
100 ms
1 s
Thermal Limit
1 ms
Cibo (pF)
Figure 7. Input Capacitance
Figure 8. Output Capacitance
VEB, EMITTER BASE VOLTAGE (V)
4.0
3.0
2.0
1.0
0
125
150
300
325
Figure 9. Safe Operating Area
VCE (Vdc)
100
1.0
0.1
0.01
0.01
0.1
10
VCB, COLLECTOR BASE VOLTAGE (V)
35
15
10
0
20
70
50
80
100
90
6.0
5.0
200
225
250
275
175
Cobo (pF)
5.0
30
25
20
1.0
10
60
100
30
40


Similar Part No. - NSS40200LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
106Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 2
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
119Kb / 6P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
92Kb / 6P
   PNP Transistor
October, 2016 ??Rev. 8
NSS40200LT1G ONSEMI-NSS40200LT1G_07 Datasheet
106Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 2
More results

Similar Description - NSS40200LT1G

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com